Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AON7436 Datasheet (PDF) - Alpha & Omega Semiconductors

AON7436 Datasheet PDF - Alpha & Omega Semiconductors
Part # AON7436
Download  AON7436 Download
File Size   391.96 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 20V N-Channel MOSFET

AON7436 Datasheet (PDF)

Go To PDF Page Download Datasheet
AON7436 Datasheet PDF - Alpha & Omega Semiconductors

Part # AON7436
Download  AON7436 Click to download

File Size   391.96 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 20V N-Channel MOSFET

AON7436 Datasheet (HTML) - Alpha & Omega Semiconductors


AON7436 Product details

General Description
The AON7436 combines advanced trench MOSFET technology with a low resistance package to provide extremely low RDS(ON). This device is ideal for load switch and battery protection applications.

Product Summary
    VDS                                       20V
    ID (at VGS=10V)                   23A
    RDS(ON) (at VGS=10V)   < 19mΩ
    RDS(ON) (at VGS =4.5V) < 22mΩ
    RDS(ON) (at VGS =2.5V) < 32mΩ
    RDS(ON) (at VGS =1.8V) < 50mΩ

    100% Rg Tested




Similar Part No. - AON7436

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7430 AOSMD-AON7430 Datasheet
159Kb / 6P
30V N-Channel MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AON7430 DOINGTER-AON7430 Datasheet
613Kb / 4P
N-Channel MOSFET uses advanced trench technology
logo
Alpha & Omega Semicondu...
AON7430L AOSMD-AON7430L Datasheet
145Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
AON7432 AOSMD-AON7432 Datasheet
274Kb / 6P
30V N-Channel MOSFET
More results


Similar Description - AON7436

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
20V N-Channel MOSFET
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF22A5E GOOD-ARK-SSF22A5E_15 Datasheet
941Kb / 5P
20V N-Channel MOSFET
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
20V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com