Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOT7N60 Datasheet (PDF) - Alpha & Omega Semiconductors

AOT7N60 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOT7N60_10
Download  AOT7N60 Download
File Size   167.19 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V,7A N-Channel MOSFET

AOT7N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOT7N60 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOT7N60_10
Download  AOT7N60 Click to download

File Size   167.19 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V,7A N-Channel MOSFET

AOT7N60 Datasheet (HTML) - Alpha & Omega Semiconductors




Similar Part No. - AOT7N60_10

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT7N60 AOSMD-AOT7N60 Datasheet
154Kb / 6P
600V, 7A N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AOT7N60 VBSEMI-AOT7N60 Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
logo
Inchange Semiconductor ...
AOT7N60 ISC-AOT7N60 Datasheet
306Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOT7N60_10

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT7N60 AOSMD-AOT7N60 Datasheet
154Kb / 6P
600V, 7A N-Channel MOSFET
logo
Unisonic Technologies
7N60A UTC-7N60A_11 Datasheet
250Kb / 7P
7A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOD7N60 AOSMD-AOD7N60 Datasheet
393Kb / 6P
600V,7A N-Channel MOSFET
logo
MagnaChip Semiconductor...
MDF7N60 MGCHIP-MDF7N60 Datasheet
745Kb / 6P
N-Channel MOSFET 600V, 7A, 1.15(ohm)
MDP7N60 MGCHIP-MDP7N60 Datasheet
983Kb / 6P
N-Channel MOSFET 600V, 7A, 1.15(ohm)
logo
First Components Intern...
FMF7N60 FCI-FMF7N60 Datasheet
2Mb / 7P
7A 600V N CHANNEL ISOLATED POWER MOSFET
logo
E-CMOS Corporation
EC747N60 E-CMOS-EC747N60 Datasheet
412Kb / 5P
600V,7A N-Channel Power MOSFET
logo
Shenzhen Luguang Electr...
7N60P LUGUANG-7N60P Datasheet
821Kb / 4P
600V 7A N-Channel MOSFET
Revision:20170701-P1
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com