Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOT8N80 Datasheet (PDF) - Alpha & Omega Semiconductors

AOT8N80 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOT8N80
Download  AOT8N80 Download
File Size   354.83 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 800V, 7.4A N-Channel MOSFET

AOT8N80 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOT8N80 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOT8N80
Download  AOT8N80 Click to download

File Size   354.83 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 800V, 7.4A N-Channel MOSFET

AOT8N80 Datasheet (HTML) - Alpha & Omega Semiconductors


AOT8N80 Product details

General Description

The AOT8N80 & AOTF8N80 have been fabricated using an advanced high voltage MOSFET process that is designed to deliver high levels of performance and robustness in popular AC-DC applications.By providing low RDS(on), Ciss and Crss along with guaranteed avalanche capability these parts can be adopted quickly into new and existing offline power supply designs.



Product Summary

VDS 900V@150℃

ID(at VGS=10V) 7.4A

RDS(ON)(at VGS=10V) < 1.63Ω




Similar Part No. - AOT8N80

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOT8N80 ISC-AOT8N80 Datasheet
297Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOT8N80

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N60 UTC-7N60_12 Datasheet
193Kb / 6P
7.4A, 600V N-CHANNEL POWER MOSFET
7N60Z UTC-7N60Z_11 Datasheet
184Kb / 6P
7.4A, 600V N-CHANNEL POWER MOSFET
7N65 UTC-7N65_12 Datasheet
173Kb / 6P
7.4A, 650V N-CHANNEL POWER MOSFET
7N65Z UTC-7N65Z Datasheet
191Kb / 6P
7.4A, 650V N-CHANNEL POWER MOSFET
7N65L UTC-7N65L Datasheet
178Kb / 6P
7.4A, 650V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOK8N80 AOSMD-AOK8N80 Datasheet
310Kb / 5P
800V,7.4A N-Channel MOSFET
logo
Unisonic Technologies
7N60K UTC-7N60K Datasheet
265Kb / 6P
7.4A, 600V N-CHANNEL POWER MOSFET
7N65K UTC-7N65K Datasheet
204Kb / 6P
7.4A, 650V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ7N60 DGNJDZ-NJ7N60 Datasheet
931Kb / 7P
7.4A 600V N-CHANNEL POWER MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com