Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9219 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9219 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9219
Download  PE9219 Download
File Size   105.77 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 7mm TO TNC MALE, PRECISION ADAPTER

PE9219 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9219 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9219
Download  PE9219 Click to download

File Size   105.77 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 7mm TO TNC MALE, PRECISION ADAPTER

PE9219 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE9219

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9210 PASTERNACK-PE9210 Datasheet
251Kb / 3P
HN Male to HN Male Adapter
logo
Pulse A Technitrol Comp...
PE92108KNL PULSE-PE92108KNL Datasheet
381Kb / 2P
Inductors Designed for National’s 50 kHz Simple Switcher™
02/16
PE92109KNL PULSE-PE92109KNL Datasheet
100Kb / 2P
Toroid - Vertical, Low Profile and KlipMount?
logo
Pasternack Enterprises,...
PE9211 PASTERNACK-PE9211 Datasheet
241Kb / 3P
MHV Tee Adapter Female-Male-Female
PE9212 PASTERNACK-PE9212 Datasheet
235Kb / 2P
HN Female to C Male Adapter
More results


Similar Description - PE9219

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9218 PASTERNACK-PE9218 Datasheet
122Kb / 1P
7mm TO TNC FEMALE, PRECISION ADAPTER
PE9215 PASTERNACK-PE9215 Datasheet
234Kb / 2P
Precision SMA Male to 7mm Sexless Adapter
PE9221 PASTERNACK-PE9221 Datasheet
246Kb / 2P
Precision 7mm Sexless to BNC Male Adapter
PE9329 PASTERNACK-PE9329 Datasheet
107Kb / 1P
7mm TO SC MALE, PRECISION ADAPTER
PE9355 PASTERNACK-PE9355 Datasheet
109Kb / 1P
SSMA MALE TO 7mm, PRECISION ADAPTER
PE9443 PASTERNACK-PE9443 Datasheet
256Kb / 3P
Precision TNC Male to TNC Female Adapter
PE9445 PASTERNACK-PE9445 Datasheet
255Kb / 3P
Precision TNC Male to TNC Male Adapter
PE9458 PASTERNACK-PE9458 Datasheet
87Kb / 1P
7mm TO 2.4mm MALE, PRECISION ADAPTER
PE9460 PASTERNACK-PE9460 Datasheet
111Kb / 1P
7mm TO 2.9mm MALE, PRECISION ADAPTER
PE9217 PASTERNACK-PE9217 Datasheet
248Kb / 3P
Precision N Male to 7mm Sexless Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com