Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3491 Datasheet (PDF) - Analog Devices

ADM3491 Datasheet PDF - Analog Devices
Part # ADM3491
Download  ADM3491 Download
File Size   288.4 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.3 V, Full Duplex, 840 uA 20 Mbps, EIA RS-485 Transceiver

ADM3491 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM3491 Datasheet PDF - Analog Devices

Part # ADM3491
Download  ADM3491 Click to download

File Size   288.4 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.3 V, Full Duplex, 840 uA 20 Mbps, EIA RS-485 Transceiver

ADM3491 Datasheet (HTML) - Analog Devices


ADM3491 Product details

GENERAL DESCRIPTION
The ADM3483/ADM3485/ADM3488/ADM3490/ADM3491 are low power, differential line transceivers designed to operate using a single 3.3 V power supply. Low power consumption, coupled with a shutdown mode, makes the ADM3483/ADM3485/ADM3488/ADM3490/ADM3491 ideal for power-sensitive applications. The ADM3488/ADM3490/ADM3491 feature full-duplex communication, while the ADM3483/ADM3485 are designed for half-duplex communication.
The ADM3483/ADM3488 feature slew rate limited drivers that minimize EMI and reduce reflections caused by improperly terminated cables, allowing error-free data transmission at data rates up to 250 kbps.
The ADM3485/ADM3490/ADM3491 transmit at up to 10 Mbps. The receiver input impedance is 12 kΩ, allowing up to 32 transceivers to be connected on the bus. A thermal shutdown circuit prevents excessive power dissipation caused by bus contention or by output shorting. If a significant temperature increase is detected in the internal driver circuitry during fault conditions, then the thermal shutdown circuit forces the driver output into a high impedance state. If the inputs are unconnected (floating), the receiver contains a fail-safe feature that results in a logic high output state. The parts are fully specified over the commercial and industrial temperature ranges. The ADM3483/ADM3485/ADM3488/ADM3490 are available in 8-lead SOIC_N; the ADM3491 is available in a 14-lead SOIC_N.

FEATURES
  Operate with 3.3 V supply
  Interoperable with 5 V logic
  EIA RS-422 and RS-485 compliant over full common-mode range
  Data rate options
     ADM3483/ADM3488: 250 kbps
     ADM3485/ADM3490/ADM3491: 10 Mbps
  Half- and full-duplex options
  Reduced slew rates for low EMI (ADM3483 and ADM3488)
  2 nA supply current in shutdown mode (ADM3483/ADM3485/ADM3491)
  Up to 32 transceivers on the bus
  −7 V to +12 V bus common-mode range
  Specified over the –40°C to +85°C temperature range
  8 ns skew (ADM3485/ADM3490/ADM3491)
  8-lead SOIC and 14-lead SOIC (ADM3491 only) packages
 
APPLICATIONS
  Low power RS-485/RS-422 applications
  Telecom
  Industrial process control
  HVAC




Similar Part No. - ADM3491

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3491 AD-ADM3491 Datasheet
450Kb / 20P
3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
10/06-Rev. A to Rev. B
ADM3491 AD-ADM3491 Datasheet
327Kb / 20P
3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491AR AD-ADM3491AR Datasheet
450Kb / 20P
3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
10/06-Rev. A to Rev. B
ADM3491AR AD-ADM3491AR Datasheet
327Kb / 20P
3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491AR AD-ADM3491AR Datasheet
134Kb / 1P
STANDARD RS-485 FULL-DUPLEX (14-LEAD SOIC) EVALUATION BOARD, EVAL-RS485FDEBZ
More results


Similar Description - ADM3491

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3485E AD-ADM3485E Datasheet
119Kb / 11P
ESD Protected, EMC Compliant, 3.3 V, 20 Mbps, EIA RS-485 Transceiver
REV.A
logo
Texas Instruments
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
SN65HVD11-HT TI1-SN65HVD11-HT Datasheet
588Kb / 30P
3.3-V RS-485 TRANSCEIVER
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
logo
Analog Devices
ADM3485E AD-ADM3485E_10 Datasheet
303Kb / 16P
짹15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
logo
Texas Instruments
SN65HVD11-HT TI1-SN65HVD11-HT_15 Datasheet
610Kb / 34P
3.3-V RS-485 Transceiver
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
3.3-V Full-Duplex RS-485 Transceivers
logo
Analog Devices
ADM3485E AD-ADM3485E_V01 Datasheet
303Kb / 16P
±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com