Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOT12N60FD Datasheet (PDF) - Alpha & Omega Semiconductors

AOT12N60FD Datasheet PDF - Alpha & Omega Semiconductors
Part # AOT12N60FD
Download  AOT12N60FD Download
File Size   279.55 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V, 12A N-Channel MOSFET

AOT12N60FD Datasheet (PDF)

Go To PDF Page Download Datasheet
AOT12N60FD Datasheet PDF - Alpha & Omega Semiconductors

Part # AOT12N60FD
Download  AOT12N60FD Click to download

File Size   279.55 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V, 12A N-Channel MOSFET

AOT12N60FD Datasheet (HTML) - Alpha & Omega Semiconductors


AOT12N60FD Product details

General Description

The AOT12N60FD/AOTF12N60FD have been fabricated using an advanced high voltage MOSFET process that is designed to deliver high levels of performance and robustness in popular AC-DC applications. By providing low RDS(on), Ciss and Crss along with guaranteed avalanche capability these parts can be adopted quickly into new and existing offline power supply designs.

For Halogen Free add "L" suffix to part number: AOT12N60FDL & AOTF12N60FDL



Product Summary

    VDS                                   700V@150℃

    ID (at VGS=10V)               12A

    RDS(ON)(at VGS=10V) < 0.65Ω




Similar Part No. - AOT12N60FD

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOT12N60FD ISC-AOT12N60FD Datasheet
304Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOT12N60FD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP12N60D1 INTERSIL-HGTP12N60D1 Datasheet
31Kb / 4P
12A, 600V N-Channel IGBT
April 1995
logo
Alpha & Omega Semicondu...
AOT12N60 AOSMD-AOT12N60 Datasheet
151Kb / 6P
600V, 12A N-Channel MOSFET
logo
Unisonic Technologies
12N60 UTC-12N60_12 Datasheet
371Kb / 7P
12A, 600V N-CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
H12N60 HSMC-H12N60 Datasheet
156Kb / 4P
N-Channel Power MOSFET (600V,12A)
logo
Alpha & Omega Semicondu...
AOW12N60 AOSMD-AOW12N60 Datasheet
268Kb / 6P
600V,12A N-Channel MOSFET
AOB12T60P AOSMD-AOB12T60P Datasheet
494Kb / 7P
600V,12A N-Channel MOSFET
AOWF12T60 AOSMD-AOWF12T60 Datasheet
230Kb / 6P
600V,12A N-Channel MOSFET
AOWF12T60P AOSMD-AOWF12T60P Datasheet
434Kb / 6P
600V,12A N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com