Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM560 Datasheet (PDF) - Analog Devices

ADM560 Datasheet PDF - Analog Devices
Part # ADM560
Download  ADM560 Download
File Size   246.65 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Power, 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers

ADM560 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM560 Datasheet PDF - Analog Devices

Part # ADM560
Download  ADM560 Click to download

File Size   246.65 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Power, 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers

ADM560 Datasheet (HTML) - Analog Devices


ADM560 Product details

GENERAL DESCRIPTION
The ADM560/ADM561 are four driver/five receiver interface devices designed to meet the EIA-232 standard and operate with a single +3.3 V power supply. The devices feature an on-board dc-to-dc converter, eliminating the need for dual ±5 V power supplies. This dc-to-dc converter contains a voltage doubler and voltage inverter, both of which internally generate ±6.6 V from the input +3.3 V power supply.

FEATURES
    RS-232 compatible
    Operates with 3 V or 5 V logic
    Ultralow power CMOS: 1.3 mA operation
    Low power shutdown: 0.2 μA
    Suitable for serial port mice
    116 kbps data rate
    1 μF charge pump capacitors
    Single +3 V to +3.6 V power supply
    Two receivers active in shutdown (ADM560)

APPLICATIONS
    Notebook computers
    Peripherals
    Modems
    Printers
    Battery-operated equipment




Similar Part No. - ADM560

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM560 AD-ADM560 Datasheet
247Kb / 12P
Ultralow Power 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers
REV. B
ADM560JR AD-ADM560JR Datasheet
247Kb / 12P
Ultralow Power 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers
REV. B
ADM560JR-REEL AD-ADM560JR-REEL Datasheet
247Kb / 12P
Ultralow Power 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers
REV. B
ADM560JRS AD-ADM560JRS Datasheet
247Kb / 12P
Ultralow Power 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers
REV. B
ADM560JRS-REEL AD-ADM560JRS-REEL Datasheet
247Kb / 12P
Ultralow Power 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers
REV. B
More results


Similar Description - ADM560

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3202 AD-ADM3202 Datasheet
153Kb / 8P
Low Power, 3.3 V, RS-232 Line Drivers/Receivers
REV.A
logo
Texas Instruments
TL145406 TI-TL145406_06 Datasheet
345Kb / 14P
TRIPLE RS-232 DRIVERS/RECEIVERS
logo
Analog Devices
ADM560 AD-ADM560_06 Datasheet
247Kb / 12P
Ultralow Power 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers
REV. B
ADM3202ARUZ-REEL7 AD-ADM3202ARUZ-REEL7 Datasheet
328Kb / 16P
Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3222ARSZ AD-ADM3222ARSZ Datasheet
328Kb / 16P
Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202ARN-REEL AD-ADM3202ARN-REEL Datasheet
328Kb / 16P
Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202ARWZ AD-ADM3202ARWZ Datasheet
328Kb / 16P
Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM560 AD-ADM560_15 Datasheet
247Kb / 12P
Notebook PC Serial Port Drivers/Receivers
REV. B
ADM561 AD-ADM561_15 Datasheet
247Kb / 12P
Notebook PC Serial Port Drivers/Receivers
REV. B
ADM3202 AD-ADM3202_V01 Datasheet
327Kb / 16P
Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com