Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOW4S60 Datasheet (PDF) - Alpha & Omega Semiconductors

AOW4S60 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOW4S60
Download  AOW4S60 Download
File Size   290.38 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V 4A a MOS TM Power Transistor

AOW4S60 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOW4S60 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOW4S60
Download  AOW4S60 Click to download

File Size   290.38 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V 4A a MOS TM Power Transistor

AOW4S60 Datasheet (HTML) - Alpha & Omega Semiconductors


AOW4S60 Product details

General Description
The AOW4S60 & AOWF4S60 have been fabricated using the advanced αMOSTM high voltage process that is designed to deliver high levels of performance and robustness in switching applications. By providing low RDS(on), Qg and EOSS along with guaranteed avalanche capability these parts can be adopted quickly into new and existing offline power supply designs.

Product Summary
    VDS @ Tj,max                        700V
    IDM                                         16A
    RDS(ON),max                         0.9Ω
    Qg,typ                                      6nC
    Eoss @ 400V                          1.5µJ

    100% UIS Tested
    100% Rg Tested




Similar Part No. - AOW4S60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOW4S60 ISC-AOW4S60 Datasheet
344Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOW4S60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB4S60 AOSMD-AOB4S60 Datasheet
301Kb / 6P
600V 4A a MOS Power Transistor
AOD4S60 AOSMD-AOD4S60 Datasheet
457Kb / 7P
600V 4A a MOS Power Transistor
AOB4S60L AOSMD-AOB4S60L Datasheet
301Kb / 6P
600V 4A a MOS TM Power Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com