Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOW11S60 Datasheet (PDF) - Alpha & Omega Semiconductors

AOW11S60 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOW11S60
Download  AOW11S60 Download
File Size   282.99 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V 11A a MOS TM Power Transistor

AOW11S60 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOW11S60 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOW11S60
Download  AOW11S60 Click to download

File Size   282.99 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V 11A a MOS TM Power Transistor

AOW11S60 Datasheet (HTML) - Alpha & Omega Semiconductors


AOW11S60 Product details

General Description
The AOW11S60 & AOWF11S60 have been fabricated using the advanced αMOSTM high voltage process that is designed to deliver high levels of performance and robustness in switching applications.
By providing low RDS(on), Qg and EOSS along with guaranteed avalanche capability these parts can be adopted quickly into new and existing offline power supply designs.

Product Summary
   VDS @ Tj,max    700V
   IDM                       45A
   RDS(ON),max 0.399Ω
   Qg,typ                11nC
   Eoss @ 400V    2.7µJ

   100% UIS Tested
   100% Rg Tested




Similar Part No. - AOW11S60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOW11S60 ISC-AOW11S60 Datasheet
342Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOW11S60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB11S60 AOSMD-AOB11S60 Datasheet
297Kb / 6P
600V 11A a MOS Power Transistor
AOD11S60 AOSMD-AOD11S60 Datasheet
400Kb / 7P
600V 11A a MOS Power Transistor
AOW11S65 AOSMD-AOW11S65 Datasheet
265Kb / 6P
650V 11A a MOS TM Power Transistor
AOB11S60L AOSMD-AOB11S60L Datasheet
508Kb / 7P
600V 11A a MOS
AOT11S60L AOSMD-AOT11S60L Datasheet
508Kb / 7P
600V 11A a MOS
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com