Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOW15S65 Datasheet (PDF) - Alpha & Omega Semiconductors

AOW15S65 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOW15S65
Download  AOW15S65 Download
File Size   267.61 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 650V 15A a MOS TM Power Transistor

AOW15S65 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOW15S65 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOW15S65
Download  AOW15S65 Click to download

File Size   267.61 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 650V 15A a MOS TM Power Transistor

AOW15S65 Datasheet (HTML) - Alpha & Omega Semiconductors


AOW15S65 Product details

General Description
The AOW15S65 & AOWF15S65 have been fabricated using the advanced αMOSTM high voltage process that is designed to deliver high levels of performance and robustness in switching applications.
By providing low RDS(on), Qg and EOSS along with guaranteed avalanche capability these parts can be adopted quickly into new and existing offline power supply designs.

Product Summary
   VDS @ Tj,max 750V
   IDM                    60A
   RDS(ON),max 0.29Ω
   Qg,typ            17.2nC
   Eoss @ 400V   3.6µJ

   100% UIS Tested
   100% Rg Tested




Similar Part No. - AOW15S65

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOW15S65 ISC-AOW15S65 Datasheet
342Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOW15S65

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB15S65 AOSMD-AOB15S65 Datasheet
308Kb / 7P
650V 15A a MOS Power Transistor
AOW7S65 AOSMD-AOW7S65 Datasheet
267Kb / 6P
650V 7A a MOS TM Power Transistor
AOW11S65 AOSMD-AOW11S65 Datasheet
265Kb / 6P
650V 11A a MOS TM Power Transistor
AOW25S65 AOSMD-AOW25S65 Datasheet
271Kb / 6P
650V 25A a MOS TM Power Transistor
AOB25S65L AOSMD-AOB25S65L Datasheet
317Kb / 7P
650V 25A a MOS TM Power Transistor
AOT25S65L AOSMD-AOT25S65L Datasheet
317Kb / 7P
650V 25A a MOS TM Power Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com