Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOW20S60 Datasheet (PDF) - Alpha & Omega Semiconductors

AOW20S60 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOW20S60
Download  AOW20S60 Download
File Size   284.58 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V 20A a MOS TM Power Transistor

AOW20S60 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOW20S60 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOW20S60
Download  AOW20S60 Click to download

File Size   284.58 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V 20A a MOS TM Power Transistor

AOW20S60 Datasheet (HTML) - Alpha & Omega Semiconductors


AOW20S60 Product details

General Description
The AOW20S60 & AOWF20S60 have been fabricated using the advanced αMOSTM high voltage process that is designed to deliver high levels of performance and robustness in switching applications.
By providing low RDS(on), Qg and EOSS along with guaranteed avalanche capability these parts can be adopted quickly into new and existing offline power supply designs.

Product Summary
   VDS @ Tj,max   700V
   IDM                      80A
   RDS(ON),max 0.199Ω
   Qg,typ                 20nC
   Eoss @ 400V     4.9µJ
​​​​​​​
   100% UIS Tested
   100% Rg Tested




Similar Part No. - AOW20S60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOW20S60 ISC-AOW20S60 Datasheet
344Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOW20S60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB20S60 AOSMD-AOB20S60 Datasheet
330Kb / 7P
600V 20A a MOS Power Transistor
AOK20S60 AOSMD-AOK20S60 Datasheet
256Kb / 6P
600V 20A a MOS Power Transistor
AOB20S60L AOSMD-AOB20S60L Datasheet
330Kb / 7P
600V 20A a MOS TM Power Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com