| Manufacturer | Part # | Datasheet | Description |
 Analog Devices |
AD420
|
144Kb / 11P |
Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV.F |
 Agilent(Hewlett-Packard... |
HCPL-4100
|
220Kb / 12P |
Optically Coupled 20 mA Optically Coupled 20 mA
|
 Knowles Electronics |
2403-260-00087
|
904Kb / 22P |
RECEIVER-615-2-SC-FRANKLIN
|
 Extech Instruments Corp... |
475040
|
367Kb / 1P |
Digital Forge Gauges
|
|
475044
|
367Kb / 1P |
Digital Forge Gauges
|
 General Cable Technolog... |
395029
|
64Kb / 2P |
20 Forge Park, Franklin, Ma 02038 Phone: 508-541-7100 Fax: 508-541-8122
|
|
DBRF400
|
68Kb / 2P |
20 Forge Park, Franklin, Ma 02038 Phone: 508-541-7100 Fax: 508-541-8122
|
 Coilcraft lnc. |
MA5532-AE
|
122Kb / 1P |
Developed for austriamicrosystems AS3935 Franklin
|
 List of Unclassifed Man... |
GE1LU032SS
|
407Kb / 4P |
GE RV park power equipment
|
 Sciosense B.V. |
AS3935
|
439Kb / 3P |
AS3935 – Franklin Lightning Sensor IC
|