Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMC201 Datasheet (PDF) - Analog Devices

ADMC201 Datasheet PDF - Analog Devices
Part # ADMC201
Download  ADMC201 Download
File Size   146.04 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Motion Coprocessor

ADMC201 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADMC201 Datasheet PDF - Analog Devices

Part # ADMC201
Download  ADMC201 Click to download

File Size   146.04 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Motion Coprocessor

ADMC201 Datasheet (HTML) - Analog Devices


ADMC201 Product details

GENERAL DESCRIPTION
The ADMC201 is a motion coprocessor that can be used with either microcontrollers or digital signal processors (DSP).
   
FEATURES
    Analog Input Block
        11-Bit Resolution Analog-to-Digital (A/D) Converter
        7 Single-Ended (SE) Analog Inputs
            4 Simultaneously Sampled Analog Inputs
            Expansion with 4 Multiplexed Inputs
        3.2 μs Conversion Time/Channel
        0 V–5 V Analog Input Range
        Internal 2.5 V Reference
        PWM Synchronized Sampling Capability
    12-Bit PWM Timer Block
        Three-Phase Center-Based PWM
        1.5 kHz–25 kHz PWM Switching Frequency Range
        Programmable Deadtime
        Programmable Pulse Deletion
        PWM Synchronized Output
        External PWM Shutdown
    Vector Transformation Block
        12-Bit Vector Transformations
        Forward and Reverse Clarke Transformations
        Forward and Reverse Park Rotations
        2.9 μs Transformation Time
    Programmable Digital I/O Port
        6-Bit Configurable Digital I/O
        Change of State Interrupt Support
    DSP & Microcontroller Interface
        12 Bit Memory Mapped Registers
        Twos Complement Data Format
    6.25 MHz to 25 MHz Operating Clock Range
    68-Pin PLCC Package
    Single 5 V DC Power Supply
    Industrial Temperature Range
   




Similar Part No. - ADMC201

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMC201 AD-ADMC201_15 Datasheet
589Kb / 15P
Motion Coprocessor
REV. B
More results


Similar Description - ADMC201

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMC200 AD-ADMC200 Datasheet
134Kb / 12P
Motion Coprocessor
REV.B
logo
Intel Corporation
8087 INTEL-8087 Datasheet
1Mb / 22P
MATH COPROCESSOR
logo
Gennum Corporation
GS9001 GENNUM-GS9001 Datasheet
211Kb / 14P
EDH COPROCESSOR
logo
Synaptics Incorporated.
CX90412 CONEXANT-CX90412 Datasheet
70Kb / 2P
Voice Coprocessor
logo
Maxwell Technologies
80387DX MAXWELL-80387DX Datasheet
444Kb / 17P
Math Coprocessor
logo
Gennum Corporation
GS9021 GENNUM-GS9021 Datasheet
194Kb / 26P
EDH Coprocessor
logo
National Semiconductor ...
CS1301 NSC-CS1301 Datasheet
326Kb / 25P
Media Coprocessor
logo
Gennum Corporation
GS9001 GENNUM-GS9001_04 Datasheet
341Kb / 14P
EDH Coprocessor
logo
Analog Devices
ADMC200 AD-ADMC200_15 Datasheet
582Kb / 12P
Motion Coprocessor
REV. B
ADMC201 AD-ADMC201_15 Datasheet
589Kb / 15P
Motion Coprocessor
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com