Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ8020 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ8020 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ8020
Download  AOZ8020 Download
File Size   343.63 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 8-Line EMI Filter with Integrated ESD Protection

AOZ8020 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ8020 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ8020
Download  AOZ8020 Click to download

File Size   343.63 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 8-Line EMI Filter with Integrated ESD Protection

AOZ8020 Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ8020 Product details

General Description

The AOZ8020 is an 8-line device integrating EMI filtering with ESD protection for each line. It is designed to suppress unwanted EMI/RFI signals and provide electrostatic discharge (ESD) protection in portable electronic equipment. This state-of-the-art device utilizes AOS leading edge Trench Vertical Structure [TVS]2 ™ technology for superior clamping performance and filter attenuation over the full operating display range. The AOZ8020 has been optimized for protection of color LCD displays and CCD camera lines in cellular phones and other portable consumer electronic devices.



Features

• 8 lines for EMI filtering and ESD protection:

   – Exceeds IEC 61000-4-2, level 4 (ESD) immunity test

   – ±20kV (air discharge) and ±20kV (contact discharge)

• Trench Vertical Structure [TVS]2 ™ based technology used to achieve excellent ESD clamping & filter performance over the full operating display range

• Filter performance: -20db attenuation from 1.0GHz to 3.0GHz

• Low operating voltage: 5.0V

• Capacitance stability over wide range of voltages and temperatures

• TDFN package: 1.6mm x 4.0mm

• Pb-Free device

• Green product



Applications

• EMI filtering and ESD protection for data lines

• LCD displays, camera interface, I/O interface

• Portable handheld devices, cell phones, PDA phones



 




Similar Part No. - AOZ8020

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8025 AOSMD-AOZ8025 Datasheet
309Kb / 8P
6-Line EMI Filter with Integrated ESD Protection
More results


Similar Description - AOZ8020

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF8402MN ONSEMI-NUF8402MN Datasheet
57Kb / 4P
8 Line EMI Filter with ESD Protection
May, 2005 ??Rev. 2
logo
Alpha & Omega Semicondu...
AOZ8010 AOSMD-AOZ8010 Datasheet
299Kb / 7P
8-Line EMI Filter with Integrated ESD Protection
AOZ8011 AOSMD-AOZ8011 Datasheet
279Kb / 7P
8-Line EMI Filter with Integrated ESD Protection
AOZ8030 AOSMD-AOZ8030 Datasheet
385Kb / 7P
8-Line EMI Filter with Integrated ESD Protection
logo
Alpha Industries
AOZ8040 ALPHA-AOZ8040 Datasheet
400Kb / 7P
8-Line EMI Filter with Integrated ESD Protection
logo
Alpha & Omega Semicondu...
AOZ8070 AOSMD-AOZ8070 Datasheet
340Kb / 7P
8-Line EMI Filter with Integrated ESD Protection
AOZ8170 AOSMD-AOZ8170 Datasheet
350Kb / 7P
8-Line EMI Filter with Integrated ESD Protection
AOZ8510 AOSMD-AOZ8510 Datasheet
383Kb / 7P
8-Line EMI Filter with Integrated ESD Protection
AOZ8530 AOSMD-AOZ8530 Datasheet
341Kb / 7P
8-Line EMI Filter with Integrated ESD Protection
AOZ8070DI AOSMD-AOZ8070DI Datasheet
340Kb / 7P
8-Line EMI Filter with Integrated ESD Protection
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com