Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1147 Datasheet (PDF) - Analog Devices

ADP1147 Datasheet PDF - Analog Devices
Part # ADP1147
Download  ADP1147 Download
File Size   195.81 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Efficiency Step-Down Switching Regulator Controllers

ADP1147 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP1147 Datasheet PDF - Analog Devices

Part # ADP1147
Download  ADP1147 Click to download

File Size   195.81 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Efficiency Step-Down Switching Regulator Controllers

ADP1147 Datasheet (HTML) - Analog Devices


ADP1147 Product details

GENERAL DESCRIPTION
The ADP1147 is part of a family of High Efficiency Step-Down Switching Regulators. These regulators offer superior load and line transient response, a user defined current limit and an automatic power savings mode. The automatic power savings mode is used to maintain efficiency at lower output currents.

FEATURES
    Greater Than 95% Efficiency
    Current Mode Switching Architecture Provides Superior Load and Line Transient Response
    Wide Input Voltage Range 3.5 V* to 16 V
    User Defined Current Limit
    Short Circuit Protection
    Shutdown Pin
    Low Dropout Voltage
    Low Standby Current 160 mA typ
    Low Cost
    Available in 8-Lead PDIP or 8-Lead SOIC

APPLICATIONS
    Portable Computers
    Modems
    Cellular Telephones
    Portable Equipment
    GPS Systems
    Handheld Instruments




Similar Part No. - ADP1147

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
High Efficiency Step-Down Switching Regulator Controller
REV. 0
More results


Similar Description - ADP1147

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1143 LINER-LTC1143 Datasheet
372Kb / 20P
Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1147-3.3 LINER-LTC1147-3.3 Datasheet
218Kb / 16P
High Efficiency Step-Down Switching Regulator Controllers
logo
Rohm
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
High Efficiency Step-down Switching Regulator
logo
Analog Devices
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
High Efficiency Step-Down Switching Regulator Controller
REV. 0
logo
Linear Technology
LTC1143 LINER-LTC1143_15 Datasheet
320Kb / 20P
Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143L LINER-LTC1143L_15 Datasheet
320Kb / 20P
Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143L-ADJ LINER-LTC1143L-ADJ_15 Datasheet
320Kb / 20P
Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1147-3.3 LINER-LTC1147-3.3_15 Datasheet
228Kb / 16P
High Efficiency Step-Down Switching Regulator Controllers
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
High Efficiency Step-Down Switching Regulator Controllers
LTC1147L LINER-LTC1147L_15 Datasheet
228Kb / 16P
High Efficiency Step-Down Switching Regulator Controllers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com