Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ8212 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ8212 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ8212
Download  AOZ8212 Download
File Size   302.38 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Two-line Bi-directional TVS Diode

AOZ8212 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ8212 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ8212
Download  AOZ8212 Click to download

File Size   302.38 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Two-line Bi-directional TVS Diode

AOZ8212 Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ8212 Product details

General Description
The AOZ8212 is a two-line bi-directional transient voltage suppressor diode designed to protect voltage sensitive electronics from high transient conditions and ESD.
This device incorporates two TVS diodes in a small SOT-23 package. It may be used to meet the ESD immunity requirements of IEC 61000-4-2, Level 4 (± 15 kV air, ± 8 kV contact discharge).
The AOZ8212 comes in a SOT-23 package and is rated over a -40 °C to +85 °C ambient temperature range.

Features
● ESD protection for high-speed data lines: AOZ8212CI-05L
    – Exceeds: IEC 61000-4-2 (ESD) ± 30 kV (air), ± 30 kV (contact)
    – Human Body Model (HBM) ± 30 kV
    – IEC 61000-4-5 (Lightning) 9 A (8/20 µs) AOZ8212CI-12
    – Exceeds: IEC 61000-4-2 (ESD) ± 30 kV (air), ± 30 kV (contact)
    – Human Body Model (HBM) ± 30 kV
    – IEC 61000-4-5 (Lightning) 5 A (8/20 µs) AOZ8212CI-24
    – Exceeds: IEC 61000-4-2 (ESD) ± 18 kV (air), ± 15 kV (contact)
    – Human Body Model (HBM) ± 15 kV
    – IEC 61000-4-5 (Lightning) 2.5A (8/20 µs)
● Small package saves board space
● IEC 61000-4-4 (EFT) ± 40A
● Low insertion loss
● Low clamping voltage
● Low operating voltages: 5 V, 12 V, 24 V

Applications
● Portable handheld devices
● Keypads, data lines, buttons
● Notebook computers
● Digital Cameras
● Portable GPS
● MP3 players




Similar Part No. - AOZ8212

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8212 AOSMD-AOZ8212 Datasheet
302Kb / 6P
two-line bi-directional transient voltage suppressor diode designed to protect voltage sensitive electronics from high transient conditions and ESD.
AOZ8212ACI-05 AOSMD-AOZ8212ACI-05 Datasheet
263Kb / 6P
Two-line Bi-directional TVS Diode
AOZ8212BCI AOSMD-AOZ8212BCI Datasheet
603Kb / 6P
Two-line Bi-directional TVS Diode
AOZ8212BCI-12 AOSMD-AOZ8212BCI-12 Datasheet
603Kb / 6P
Two-line Bi-directional TVS Diode
AOZ8212BCI-24 AOSMD-AOZ8212BCI-24 Datasheet
603Kb / 6P
Two-line Bi-directional TVS Diode
More results


Similar Description - AOZ8212

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8231A AOSMD-AOZ8231A Datasheet
348Kb / 7P
One-line Bi-directional TVS Diode
AOZ8212ACI-05 AOSMD-AOZ8212ACI-05 Datasheet
263Kb / 6P
Two-line Bi-directional TVS Diode
AOZ8212BCI AOSMD-AOZ8212BCI Datasheet
603Kb / 6P
Two-line Bi-directional TVS Diode
logo
Applied Power Microelec...
AU0521D3 APMICRO-AU0521D3 Datasheet
730Kb / 4P
1-Line Bi-directional TVS Diode
AU1261P1 APMICRO-AU1261P1 Datasheet
703Kb / 4P
1-Line Bi-directional TVS Diode
AU1881P1 APMICRO-AU1881P1 Datasheet
714Kb / 4P
1-Line Bi-directional TVS Diode
AU3361P1 APMICRO-AU3361P1 Datasheet
709Kb / 4P
1-Line Bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
PTVS0542H100 LEIDITECH-PTVS0542H100 Datasheet
4Mb / 4P
1-Line Bi-directional TVS Diode
SMDA05CCNQ LEIDITECH-SMDA05CCNQ Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
USESD05CP LEIDITECH-USESD05CP Datasheet
2Mb / 4P
1-Line Bi-directional TVS Diode
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com