Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3302 Datasheet (PDF) - Analog Devices

ADP3302 Datasheet PDF - Analog Devices
Part # ADP3302
Download  ADP3302 Download
File Size   125.65 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Accuracy anyCAP??200 mA Low Dropout Linear Regulator

ADP3302 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3302 Datasheet PDF - Analog Devices

Part # ADP3302
Download  ADP3302 Click to download

File Size   125.65 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Accuracy anyCAP??200 mA Low Dropout Linear Regulator

ADP3302 Datasheet (HTML) - Analog Devices


ADP3302 Product details

GENERAL DESCRIPTION
The ADP3303 is a member of the ADP330x family of precision low dropout anyCAP voltage regulators. The ADP3303 stands out from the conventional LDOs with a novel architecture, an enhanced process and a new package. Its patented design requires only a 0.47 µF output capacitor for stability.
   
FEATURES
    High Accuracy Over Line and Load ±0.8% @ at +25°C,
        ±1.4% Over Temperature
    Ultralow Dropout Voltage: 180 mV (Typ) @ 200 mA
    Requires Only CO = 0.47 μF for Stability
    anyCAP = Stable with All Types of Capacitors
        (Including MLCC)
    3.2 V to 12 V Supply Range
    Current and Thermal Limiting
    Low Noise
    Dropout Detector
    Low Shutdown Current: < 1 μA
    Thermally Enhanced SO-8 Package
    Excellent Line and Load Regulation Performance
   
APPLICATIONS
    Cellular Telephones
    Notebook, Palmtop Computers
    Battery Powered Systems
    Portable Instruments
    Post Regulator for Switching Supplies
    Bar Code Scanners
   




Similar Part No. - ADP3302

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3302 AD-ADP3302 Datasheet
125Kb / 8P
High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV.0
ADP3302 AD-ADP3302 Datasheet
303Kb / 8P
High Precision anyCAP??Dual Low Dropout Linear Regulator
REV.0
ADP3302 AD-ADP3302 Datasheet
135Kb / 8P
High Accuracy anyCAP??Adjustable 200 mA Low Dropout Linear Regulator
REV.A
ADP3302 AD-ADP3302 Datasheet
382Kb / 9P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3302 AD-ADP3302 Datasheet
84Kb / 8P
High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
More results


Similar Description - ADP3302

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3301 AD-ADP3301 Datasheet
125Kb / 8P
High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV.0
ADP3303A AD-ADP3303A Datasheet
135Kb / 8P
High Accuracy anyCAP??Adjustable 200 mA Low Dropout Linear Regulator
REV.A
ADP3307 AD-ADP3307 Datasheet
156Kb / 8P
High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV.0
ADP3303ARZ-5 AD-ADP3303ARZ-5 Datasheet
382Kb / 9P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3301AR-3.3 AD-ADP3301AR-3.3 Datasheet
84Kb / 8P
High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3303ARZ-3 AD-ADP3303ARZ-3 Datasheet
382Kb / 9P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
128Kb / 8P
High Accuracy anyCAP?? 100 mA Low Dropout Linear Regulator
REV. 0
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
84Kb / 8P
High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
382Kb / 8P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
129Kb / 8P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com