Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G110GL Datasheet (PDF) - Zowie Technology Corporation

G110GL Datasheet PDF - Zowie Technology Corporation
Part # G110GL
Download  G110GL Download
File Size   60.42 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description Low VF Rectifier Diode

G110GL Datasheet (PDF)

Go To PDF Page Download Datasheet
G110GL Datasheet PDF - Zowie Technology Corporation

Part # G110GL
Download  G110GL Click to download

File Size   60.42 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description Low VF Rectifier Diode

G110GL Datasheet (HTML) - Zowie Technology Corporation


G110GL Product details

FEATURES
* Compliance to RoHS product
* GPRC (Glass passivated rectifier chip) inside
* Glass passivated cavity-free junction
* Low forward voltage drop
* High temperature soldering guaranteed: 260oC/10 seconds,
   0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension
* Plastic package has Underwriters Laboratory Flammability
   Classification 94V-0

APPLICATION
* General purpose rectification
* Surge absorption

MECHANICAL DATA
   Case : R-1 molded plastic
   Terminals : Tin Plated, solderable per MIL-STD-750, Method 2026.
   Polarity : Color band denotes cathode end
   Weight : 0.181 gram




Similar Part No. - G110GL

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
G110G ZOWIE-G110G Datasheet
43Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
More results


Similar Description - G110GL

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BGC20DLH ZOWIE-BGC20DLH Datasheet
48Kb / 2P
Low VF Rectifier Diode
BGC30DLH ZOWIE-BGC30DLH Datasheet
49Kb / 2P
Low VF Rectifier Diode
GC10DLH ZOWIE-GC10DLH Datasheet
48Kb / 2P
Low VF Rectifier Diode
GC20DLH ZOWIE-GC20DLH Datasheet
48Kb / 2P
Low VF Rectifier Diode
BGC20DLH ZOWIE-BGC20DLH_11 Datasheet
77Kb / 2P
Low VF Rectifier Diode
BGC30DH ZOWIE-BGC30DH Datasheet
64Kb / 2P
Low VF Rectifier Diode
BGC30DLH ZOWIE-BGC30DLH_10 Datasheet
65Kb / 2P
Low VF Rectifier Diode
GP20DL ZOWIE-GP20DL Datasheet
61Kb / 2P
Low VF Rectifier Diode
GP20DLH ZOWIE-GP20DLH Datasheet
61Kb / 2P
Low VF Rectifier Diode
GP30DLH ZOWIE-GP30DLH Datasheet
356Kb / 2P
Low VF Rectifier Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com