Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP02-20 Datasheet (PDF) - Zowie Technology Corporation

GP02-20 Datasheet PDF - Zowie Technology Corporation
Part # GP02-20
Download  GP02-20 Download
File Size   60.71 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER

GP02-20 Datasheet (PDF)

Go To PDF Page Download Datasheet
GP02-20 Datasheet PDF - Zowie Technology Corporation

Part # GP02-20
Download  GP02-20 Click to download

File Size   60.71 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER

GP02-20 Datasheet (HTML) - Zowie Technology Corporation


GP02-20 Product details

Reverse Voltage - 2000 Volts Forward Current - 1.0 Ampere
   
FEATURES
* GPRC (Glass Passivated Rectifier Chip) inside
* Glass passivated cavity-free junction
* Capable of meeting environmental standards of MIL-S-19500
* 1.0 Ampere operation at TA=75°C and 55°C with no thermal
    runaway
* High temperature soldering guaranteed: 260°C/10 seconds,
    0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension
* Plastic package has Underwriters Laboratory Flammability
    Classification 94V-0
   




Similar Part No. - GP02-20

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GP02-20 GE-GP02-20 Datasheet
59Kb / 2P
HIGH VOLTAGE GLASS PASSIVATED JUNCTION RECTIFIER
logo
TAITRON Components Inco...
GP02-20 TAITRON-GP02-20 Datasheet
126Kb / 4P
1.0A Sintered Glass Passivated Rectifier
logo
Vishay Siliconix
GP02-20 VISHAY-GP02-20 Datasheet
77Kb / 4P
High Voltage Glass Passivated Junction Rectifier
15-Mar-11
logo
Shenzhen Taychipst Elec...
GP02-20 TAYCHIPST-GP02-20 Datasheet
4Mb / 2P
HIGH VOLTAGE GLASS PASSIVATED JUNCTION RECTIFIER
logo
Olitech Electronics Co....
GP02-20 OLITECH-GP02-20 Datasheet
660Kb / 2P
High Voltage 1.5A Sintered Glass Passivated Rectifie
More results


Similar Description - GP02-20

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GP10A ZOWIE-GP10A Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP20A ZOWIE-GP20A Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP30A ZOWIE-GP30A Datasheet
59Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP60A ZOWIE-GP60A Datasheet
58Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GF02-20 ZOWIE-GF02-20 Datasheet
58Kb / 2P
HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GF02-20H ZOWIE-GF02-20H Datasheet
60Kb / 2P
HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP02-20H ZOWIE-GP02-20H Datasheet
61Kb / 2P
HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP20AH ZOWIE-GP20AH Datasheet
62Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP10-30 ZOWIE-GP10-30 Datasheet
77Kb / 2P
HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP10-35 ZOWIE-GP10-35 Datasheet
76Kb / 2P
HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com