Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP10AH Datasheet (PDF) - Zowie Technology Corporation

GP10AH Datasheet PDF - Zowie Technology Corporation
Part # GP10AH
Download  GP10AH Download
File Size   103.87 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description SINTERED GLASS PASSIVATED JUNCTION RECTIFIER

GP10AH Datasheet (PDF)

Go To PDF Page Download Datasheet
GP10AH Datasheet PDF - Zowie Technology Corporation

Part # GP10AH
Download  GP10AH Click to download

File Size   103.87 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description SINTERED GLASS PASSIVATED JUNCTION RECTIFIER

GP10AH Datasheet (HTML) - Zowie Technology Corporation


GP10AH Product details

Reverse Voltage - 50 to 1600 Volts Forward Current - 1.0 Ampere



FEATURES

* Halogen-free type

* Compliance to RoHS product

* GPRC (Glass Passivated Rectifier Chip) inside

* Glass passivated cavity-free junction

* Capable of meeting environmental standards of MIL-S-19500

* High temperature soldering guaranteed: 260oC/10 seconds, 0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension

* Plastic package has Underwriters Laboratory Flammability

Classification 94V-0



MECHANICAL DATA

Case : JEDEC DO-204AL molded plastic over glass body

Terminals : Tin Plated, solderable per MIL-STD-750, Method 2026

Polarity : Color band denotes cathode end

Weight : 0.012 ounes , 0.3 gram




Similar Part No. - GP10AH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GP10A ZOWIE-GP10A Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GP10A GE-GP10A Datasheet
61Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
Micro Commercial Compon...
GP10A MCC-GP10A Datasheet
84Kb / 3P
1.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
logo
First Components Intern...
GP10A FCI-GP10A Datasheet
144Kb / 2P
1.0 Amp MEGARECTIFIERS Mechanical Dimensions
logo
Taiwan Semiconductor Co...
GP10A TSC-GP10A Datasheet
75Kb / 2P
1.0 AMP. Glass Passivated Junction Plastic Rectifiers
More results


Similar Description - GP10AH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP30A ZOWIE-EGP30A Datasheet
63Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
GP10A ZOWIE-GP10A Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP15A ZOWIE-GP15A Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP20A ZOWIE-GP20A Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP30A ZOWIE-GP30A Datasheet
59Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP60A ZOWIE-GP60A Datasheet
58Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP20AH ZOWIE-GP20AH Datasheet
62Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP30AH ZOWIE-GP30AH Datasheet
838Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
EGP10AH ZOWIE-EGP10AH Datasheet
170Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGP30AH ZOWIE-EGP30AH Datasheet
213Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com