Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT14 Datasheet (PDF) - Analog Devices

ADT14 Datasheet PDF - Analog Devices
Part # ADT14
Download  ADT14 Download
File Size   338.38 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Setpoint, Programmable Temperature Monitor and Controller

ADT14 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADT14 Datasheet PDF - Analog Devices

Part # ADT14
Download  ADT14 Click to download

File Size   338.38 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Setpoint, Programmable Temperature Monitor and Controller

ADT14 Datasheet (HTML) - Analog Devices


ADT14 Product details

GENERAL DESCRIPTION
The ADT14 is a temperature sensor and controller that generates an output voltage proportional to temperature and provides four temperature trip points. The four trip points, or temperature setpoints, and their hysteresis are determined by voltage levels set by the user. An on-chip voltage reference provides an easy method for setting the temperature trip points.
The ADT14 consists of a bandgap voltage reference combined with four matched comparators. The reference provides both a temperature-stable 2.5 V output, and a voltage proportional to absolute temperature (VPTAT) which has a precise temperature coefficient of 5 mV/K = 5 mV/(°C +273.15). The VPTAT output is nominally 1.49 V at +25°C. The comparators determine whether the VPTAT output is above the voltages set up by external resistive dividers (temperature trip points) and generate an open-collector output signal when one of their respective thresholds has been exceeded.

FEATURES
  Four Programmable Temperature Setpoints
  Programmable Thermal Hysteresis
  Accuracy 638C Typ from –408C to +1258C
  Temperature Output Scale Factor = 5 mV/K
  Resistor Programmable Temperature Setpoints
  5 mA Open-Collector Setpoint Outputs
  Internal 2.5 V Reference
  600 mA Max Quiescent Current at +5 V

APPLICATIONS
  Power Supply Monitor and Control System
  Multiple Fan Controller System
  Workstation Thermal Management System




Similar Part No. - ADT14

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT14 AD-ADT14 Datasheet
352Kb / 16P
Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
ADT14 AD-ADT14_15 Datasheet
352Kb / 16P
Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
More results


Similar Description - ADT14

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD596 AD-AD596 Datasheet
202Kb / 8P
Thermocouple Conditioner and Setpoint Controller
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
Intelligent Temperature Monitor and PWM Fan Controller
REV.0
AD597ARZ AD-AD597ARZ Datasheet
778Kb / 8P
Thermocouple Conditioner and Setpoint Controller
REV. B
AD597AHZ AD-AD597AHZ Datasheet
778Kb / 8P
Thermocouple Conditioner and Setpoint Controller
REV. B
ADT14 AD-ADT14_15 Datasheet
352Kb / 16P
Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
AD596 AD-AD596_15 Datasheet
778Kb / 8P
THERMOCOUPLE CONDITIONER AND SETPOINT CONTROLLER
REV. B
AD597 AD-AD597_15 Datasheet
778Kb / 8P
THERMOCOUPLE CONDITIONER AND SETPOINT CONTROLLER
REV. B
logo
Linear Technology
LTC2990 LINER-LTC2990_15 Datasheet
300Kb / 24P
Quad I2C Voltage, Current and Temperature Monitor
logo
Red Lion Controls. Inc
TSC11001 REDLION-TSC11001 Datasheet
1Mb / 8P
MODEL TSC - TEMPERATURE SETPOINT CONTROLLER
logo
Analog Devices
LTC2990 AD-LTC2990 Datasheet
337Kb / 26P
Quad I2C Voltage, Current and Temperature Monitor
11/18-REV.F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com