Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC36 Datasheet (PDF) - Zowie Technology Corporation

SC36 Datasheet PDF - Zowie Technology Corporation
Part # SC36
Download  SC36 Download
File Size   135.41 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SC36 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC36 Datasheet PDF - Zowie Technology Corporation

Part # SC36
Download  SC36 Click to download

File Size   135.41 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SC36 Datasheet (HTML) - Zowie Technology Corporation


SC36 Product details

Reverse Voltage - 20 to 100 Volts Forward Current - 3.0 Amperes



FEATURES

* Plastic package has Underwriters Laboratory Flammability

Classification 94V-0

* For surface mount applications

* Low profile package

* Built-in strain relief

* Metal sillicon junction, majority carrier conduction

* Low power loss, high efficiency

* High current capability, low forward voltage drop

* High surge capability

* For use in low voltage high frequency inverters, free wheeling, and polarity protection applications

* Guardring for overvoltage protection

* High temperature soldering guaranteed : 260°C/10 seconds, at terminals




Similar Part No. - SC36

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC36-11CGKWA KINGBRIGHT-SC36-11CGKWA Datasheet
372Kb / 6P
Low current operation
SC36-11EWA KINGBRIGHT-SC36-11EWA Datasheet
149Kb / 5P
9mm(0.36INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC36-11EWA KINGBRIGHT-SC36-11EWA Datasheet
183Kb / 4P
9.14mm (0.36INCH) SINGLE DIGIT NUMERIC DISPLAY
SC36-11GWA KINGBRIGHT-SC36-11GWA Datasheet
149Kb / 5P
9mm(0.36INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC36-11GWA KINGBRIGHT-SC36-11GWA Datasheet
182Kb / 4P
9.14mm (0.36INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Similar Description - SC36

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Vishay Siliconix
B350A VISHAY-B350A_11 Datasheet
78Kb / 4P
Surface Mount Schottky Barrier Rectifier
20-Apr-11
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com