Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL190 Datasheet (PDF) - Analog Devices

ADXL190 Datasheet PDF - Analog Devices
Part # ADXL190
Download  ADXL190 Download
File Size   98.6 Kbytes
Page   5 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost -100 gSingle Axis Accelerometer with Analog Output

ADXL190 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL190 Datasheet PDF - Analog Devices

Part # ADXL190
Download  ADXL190 Click to download

File Size   98.6 Kbytes
Page   5 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost -100 gSingle Axis Accelerometer with Analog Output

ADXL190 Datasheet (HTML) - Analog Devices


ADXL190 Product details

GENERAL DESCRIPTION
The ADXL190 is a complete acceleration measurement system on a single monolithic IC. It contains a polysilicon surface micromachined sensor and signal conditioning circuitry to implement an open-loop acceleration measurement architecture. The ADXL190 is capable of measuring both positive and negative accelerations up to ±100 g, making it suitable for shock and vibration measurement.

FEATURES
  iMEMS® Single Chip IC Accelerometer
  40 Milli-g Resolution
  Low Power 2 mA
  400 Hz Bandwidth
  +5.0 V Single Supply Operation
  2000 g Shock Survival

APPLICATIONS
  Shock and Vibration Measurement
  Machine Health
  Shipping Recorders
  Military Fuze, Safe and Arm




Similar Part No. - ADXL190

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL190EM-1 AD-ADXL190EM-1 Datasheet
169Kb / 2P
ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules
REV.C
More results


Similar Description - ADXL190

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL202E AD-ADXL202E Datasheet
154Kb / 12P
Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV.A
logo
List of Unclassifed Man...
MX205Q ETC1-MX205Q Datasheet
246Kb / 8P
Low Cost, 5.0g, Dual Axis Accelerometer with Analog Outputs
MX210Q ETC1-MX210Q Datasheet
246Kb / 8P
Low Cost, 10g, Dual Axis Accelerometer with Analog Outputs
MXA2312A ETC1-MXA2312A Datasheet
573Kb / 8P
Low Cost, 2,-2 g Dual Axis Accelerometer with Analog Outputs
MXR7311GL ETC1-MXR7311GL Datasheet
404Kb / 7P
Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
logo
VTI technologies
CMA3000-A01 VTI-CMA3000-A01 Datasheet
328Kb / 4P
3-AXIS LOW POWER ANALOG OUTPUT ACCELEROMETER
logo
Analog Devices
ADXL202E AD-ADXL202E_15 Datasheet
147Kb / 12P
Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
logo
MEMSIC Semiconductor (T...
MXR7150VW MEMSIC-MXR7150VW Datasheet
257Kb / 6P
Low Cost Dual-Axis Accelerometer with Rationmetric Outputs
Rev C
MXR7305VF MEMSIC-MXR7305VF Datasheet
121Kb / 6P
Improved Low Cost 짹5 g Dual-Axis Accelerometer with Ratiometric Analog Outputs
Rev.A
MXR7999VW MEMSIC-MXR7999VW Datasheet
367Kb / 6P
Low Cost Dual-Axis Accelerometer with Ratiometric Outputs
Rev C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com