Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8057 Datasheet (PDF) - Richtek Technology Corporation

RT8057 Datasheet PDF - Richtek Technology Corporation
Part # RT8057
Download  RT8057 Download
File Size   224.57 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2.25MHz 1A Synchronous Step-Down Converter

RT8057 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8057 Datasheet PDF - Richtek Technology Corporation

Part # RT8057
Download  RT8057 Click to download

File Size   224.57 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2.25MHz 1A Synchronous Step-Down Converter

RT8057 Datasheet (HTML) - Richtek Technology Corporation


RT8057 Product details

General Description

The RT8057 is a high efficiency Pulse-Width-Modulated (PWM) step-down DC/DC converter, capable of delivering 1A output current over a wide input voltage range from 2.7V to 5.5V. The RT8057 is ideally suited for portable electronic devices that are powered from 1-cell Li-ion battery or from other power sources such as cellular phones, PDAs, hand held devices, game console and related accessories.



Features

2.7V to 5.5V Wide Input Operation Range

2.25MHz Fixed-Frequency PWM Operation

Up to 1A Output Current

Up to 90% Efficiency

0.6V Reference Allows Low Output Voltage

Internal Soft-Start

No Schottky Diode Required

Internal Compensation to Reduce External Components

Low Dropout Operation : 100% Duty Cycle

RoHS Compliant and Halogen Free



Applications

Portable Instruments

Game Console and Accessories

Microprocessors and DSP Core Supplies

Cellular Phones

Wireless and DSL Modems

PC Cards




Similar Part No. - RT8057

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8057A RICHTEK-RT8057A Datasheet
283Kb / 12P
2.25MHz 1A Synchronous Step-Down Converter
More results


Similar Description - RT8057

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
logo
Eutech Microelectronics...
EUP3402 EUTECH-EUP3402 Datasheet
128Kb / 1P
Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Richtek Technology Corp...
RT8057A RICHTEK-RT8057A Datasheet
283Kb / 12P
2.25MHz 1A Synchronous Step-Down Converter
logo
Linear Technology
LTC3410ESC6 LINER-LTC3410ESC6 Datasheet
307Kb / 16P
2.25MHz, 300mA Synchronous Step-Down
logo
Linear Integrated Syste...
LTC3542EDC LINEAR-LTC3542EDC Datasheet
199Kb / 16P
500mA, 2.25MHz Synchronous Step-Down
logo
Linear Technology
LTC3542 LINER-LTC3542_15 Datasheet
222Kb / 16P
500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
logo
Union Semiconductor, In...
UM3510 UNIONSEMI-UM3510_16 Datasheet
585Kb / 13P
1A, 2.25MHz, Synchronous Step-Down DC-DC Converter
logo
Eutech Microelectronics...
EUP3260 EUTECH-EUP3260 Datasheet
90Kb / 1P
1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3290 EUTECH-EUP3290 Datasheet
761Kb / 1P
1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3292 EUTECH-EUP3292 Datasheet
658Kb / 1P
Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com