Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP402 Datasheet (PDF) - Analog Devices

CMP402 Datasheet PDF - Analog Devices
Part # CMP402
Download  CMP402 Download
File Size   132.77 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 23 ns and 65 ns Low Voltage Comparators

CMP402 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMP402 Datasheet PDF - Analog Devices

Part # CMP402
Download  CMP402 Click to download

File Size   132.77 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 23 ns and 65 ns Low Voltage Comparators

CMP402 Datasheet (HTML) - Analog Devices


CMP402 Product details

GENERAL DESCRIPTION
The CMP401 and CMP402 are 23 ns and 65 ns quad comparators with separate input and output supplies. Separate supplies enable the input stage to be operated from +3 V to as high as ±6 V. The output can be supplied with either 3 V or 5 V as determined by the interface logic or available supplies. Independent input and output supplies combined with fast propagation make the CMP401 and CMP402 excellent choices for interfacing to portable instrumentation.
The CMP401 and CMP402 are specified over the extended industrial (–40°C to +125°C) temperature range. Both are available in narrow SO-16 surface-mount packages and 16-lead TSSOP.

FEATURES
   23 ns or 65 ns Propagation Delay
   Single-Supply Operation
   Compatible with 3 V and 5 V Logic
   Separate Input and Output Sections
   Low Power
   Wide Input Range: –5 V to +3.9 V

APPLICATIONS
   Battery-Operated Instrumentation
   Line Receivers
   Level Translators
   Read Channel Detection




Similar Part No. - CMP402

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CMP402 AD-CMP402 Datasheet
133Kb / 8P
23 ns and 65 ns Low Voltage Comparators
2/02-REV.A
CMP402 AD-CMP402 Datasheet
130Kb / 8P
23 ns and 65 ns Low Voltage Comparators
2/02-REV.A
CMP402GRU AD-CMP402GRU Datasheet
133Kb / 8P
23 ns and 65 ns Low Voltage Comparators
2/02-REV.A
CMP402GRU AD-CMP402GRU Datasheet
130Kb / 8P
23 ns and 65 ns Low Voltage Comparators
2/02-REV.A
CMP402GS AD-CMP402GS Datasheet
133Kb / 8P
23 ns and 65 ns Low Voltage Comparators
2/02-REV.A
More results


Similar Description - CMP402

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8611 AD-AD8611 Datasheet
130Kb / 12P
Ultrafast 4 ns Single Supply Comparators
REV.0
CMP4014444 AD-CMP4014444 Datasheet
133Kb / 8P
23 ns and 65 ns Low Voltage Comparators
2/02-REV.A
AD8611 AD-AD8611_06 Datasheet
413Kb / 20P
Ultrafast, 4 ns Single-Supply Comparators
8/06-Rev. 0 to Rev. A
CMP401 AD-CMP401_02 Datasheet
130Kb / 8P
23 ns and 65 ns Low Voltage Comparators
2/02-REV.A
logo
Texas Instruments
TLV3201 TI1-TLV3201_12 Datasheet
1Mb / 26P
40-ns, microPOWER, Push-Pull Output Comparators
TLV3201 TI1-TLV3201_14 Datasheet
1Mb / 31P
40-ns, microPOWER, Push-Pull Output Comparators
logo
Analog Devices
CMP401 AD-CMP401_15 Datasheet
131Kb / 8P
23 ns and 65 ns Low Voltage Comparators
REV. A
CMP402 AD-CMP402_15 Datasheet
131Kb / 8P
23 ns and 65 ns Low Voltage Comparators
REV. A
logo
Texas Instruments
TLV3201 TI-TLV3201_15 Datasheet
1Mb / 30P
40-ns, microPOWER, Push-Pull Output Comparators
TLV3201-Q1 TI1-TLV3201-Q1 Datasheet
1Mb / 30P
40-ns, Micropower, Push-Pull Output Automotive Comparators
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com