Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC833LP6GE Datasheet (PDF) - Hittite Microwave Corporation

HMC833LP6GE Datasheet PDF - Hittite Microwave Corporation
Part # HMC833LP6GE
Download  HMC833LP6GE Download
File Size   3390.23 Kbytes
Page   61 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description Built in Digital Self Test

HMC833LP6GE Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC833LP6GE Datasheet PDF - Hittite Microwave Corporation

Part # HMC833LP6GE
Download  HMC833LP6GE Click to download

File Size   3390.23 Kbytes
Page   61 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description Built in Digital Self Test

HMC833LP6GE Datasheet (HTML) - Hittite Microwave Corporation


HMC833LP6GE Product details

General Description
TheHMC833LP6GEisalownoise,wideband,Fractional-NPhase-Locked-Loop(PLL)thatfeaturesanintegratedVoltage Controlled Oscillator (VCO) with a fundamental frequency of 1500 MHz - 3000 MHz, and an integrated VCO Output Divider (divide by 1/2/4/6.../60/62) and doubler, that together allow the HMC833LP6GE to generate frequencies from 25 MHz to 6000 MHz. The integrated Phase Detector (PD) and delta-sigma modulator, capable of operating at up to 100 MHz, permit wider loop-bandwidths with excellent spectral performance.
The HMC833LP6GE features industry leading phase noise and spurious performance, across all frequencies, that enable it to minimize blocker effects, and improve receiver sensitivity and transmitter spectral purity. The superior noise floor (< -170 dBc/Hz) makes the HMC833LP6GE an ideal source for a variety of applications - such as; LO for RF mixers, a clock source for high-frequency data-converters, or a tunable reference source for ultra-low spurious applications.
Additional features of the HMC833LP6GE include RF output power control from 0 to 9 dB (3 dB steps), output Mute function, and a delta-sigma modulator Exact Frequency Mode which enables users to generate output frequencies with 0 Hz frequency error.

Features
• RF Bandwidth:
   25 - 6000 MHz
• Maximum Phase Detector Rate
   100 MHz
• Ultra Low Phase Noise
   -110 dBc/Hz in Band Typ.
• Figure of Merit (FOM) -227 dBc/Hz
• <180 fs RMS Jitter
• 24-bit Step Size, Resolution 3 Hz typ
• Exact Frequency Mode
• Built in Digital Self Test
• 40 Lead 6x6 mm SMT Package: 36 mm2

Typical Applications
• Cellular Infrastructure
• Microwave Radio
• WiMax, WiFi
• Communications Test Equipment
• CATV Equipment
• DDS Replacement
• Military
• Tunable Reference Source for Spurious- 
   Free Performance




Similar Part No. - HMC833LP6GE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC833LP6GE AD-HMC833LP6GE Datasheet
2Mb / 61P
FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Similar Description - HMC833LP6GE

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
DTA124EKA ETL-DTA124EKA Datasheet
106Kb / 2P
Digital transistors (built-in resistors)
logo
Unisonic Technologies
DTD143E UTC-DTD143E Datasheet
193Kb / 3P
DIGITAL TRANSISTORS (BUILT- IN RESISTORS)
logo
Leshan Radio Company
LDTC143XLT1G LRC-LDTC143XLT1G Datasheet
372Kb / 5P
Digital transistors (built-in resistors)
logo
Axiomtek Co., Ltd.
DSH-142 AXIOMTEK-DSH-142 Datasheet
283Kb / 1P
Self diagnosis and built-in sensors
logo
Fairchild Semiconductor
FAN41501 FAIRCHILD-FAN41501 Datasheet
1Mb / 11P
Ground Fault Interrupter Self-Test Digital Controller
logo
STMicroelectronics
AIS1120SX STMICROELECTRONICS-AIS1120SX Datasheet
1Mb / 58P
Embedded self-test
20-Jan-2017
logo
ON Semiconductor
FAN41501 ONSEMI-FAN41501 Datasheet
901Kb / 13P
Ground Fault Interrupter Self-Test Digital Controller
June 2014
logo
First Silicon Co., Ltd
DTB201 FS-DTB201 Datasheet
207Kb / 3P
Digital transistors (built-in resistors)
DTD102 FS-DTD102 Datasheet
146Kb / 3P
Digital transistors (built-in resistors)
logo
Texas Instruments
TPS3762-Q1 TI-TPS3762-Q1 Datasheet
2Mb / 38P
TPS3762-Q1 Automotive Wide VIN 65 V Window (OV & UV) Supervisor with Built-In Self-Test
OCTOBER 2023
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com