Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8002 Datasheet (PDF) - Intersil Corporation

ISL8002 Datasheet PDF - Intersil Corporation
Part # ISL8002
Download  ISL8002 Download
File Size   3216.6 Kbytes
Page   22 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Compact Synchronous Buck Regulators

ISL8002 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8002 Datasheet PDF - Intersil Corporation

Part # ISL8002
Download  ISL8002 Click to download

File Size   3216.6 Kbytes
Page   22 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Compact Synchronous Buck Regulators

ISL8002 Datasheet (HTML) - Intersil Corporation


ISL8002 Product details

Compact Synchronous Buck Regulators

ISL8002, ISL8002A, ISL80019 and ISL80019A are highly efficient, monolithic, synchronous step-down DC/DC converters that can deliver up to 2A of continuous output current from a 2.7V to 5.5V input supply. They use peak current mode control architecture to allow very low duty cycle operation. They operate at either 1MHz or 2MHz switching frequency, thereby providing superior transient response and allowing for the use of small inductors. They also have excellent stability and provide both internal and external compensation options.

Features
• VIN range 2.7V to 5.5V
• VOUT range is 0.6V to VIN
• IOUT maximum is 1.5A or 2A (see Table 1 on page 3)
• Switching frequency is 1MHz or 2MHz (see Table 1 on page 3)
• Internal or external compensation option
• Selectable PFM or PWM operation option
• Overcurrent and short circuit protection
• Over-temperature/thermal protection
• VIN Undervoltage Lockout and VOUT Overvoltage Protection
• Up to 95% peak efficiency

Applications
• General purpose point of load DC/DC
• Set-top boxes and cable modems
• FPGA power
• DVD, HDD drives, LCD panels, TV




Similar Part No. - ISL8002

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8002 INTERSIL-ISL8002 Datasheet
1Mb / 24P
Compact Synchronous Buck Regulators
logo
Renesas Technology Corp
ISL8002 RENESAS-ISL8002 Datasheet
1Mb / 23P
Compact Synchronous Buck Regulators
logo
Intersil Corporation
ISL8002 INTERSIL-ISL8002 Datasheet
1Mb / 22P
Compact Synchronous Buck Regulator
October 28, 2016
ISL8002/A INTERSIL-ISL8002/A Datasheet
1Mb / 22P
Compact Synchronous Buck Regulator
October 28, 2016
ISL80020 INTERSIL-ISL80020 Datasheet
708Kb / 16P
Compact Synchronous Buck Converters
June 5, 2015
More results


Similar Description - ISL8002

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8002 INTERSIL-ISL8002_13 Datasheet
1Mb / 24P
Compact Synchronous Buck Regulators
ISL8025 INTERSIL-ISL8025 Datasheet
785Kb / 21P
Compact Synchronous Buck Regulators
February 20, 2013
ISL78233ARZ INTERSIL-ISL78233ARZ Datasheet
994Kb / 18P
3A and 4A Compact Synchronous Buck Regulators
April 23, 2015
ISL8026 INTERSIL-ISL8026 Datasheet
969Kb / 23P
Compact Synchronous Buck Regulators
June 26, 2015
logo
Renesas Technology Corp
ISL8002 RENESAS-ISL8002 Datasheet
1Mb / 23P
Compact Synchronous Buck Regulators
ISL8002B RENESAS-ISL8002B Datasheet
1Mb / 22P
Compact Synchronous Buck Regulator
ISL8023 RENESAS-ISL8023 Datasheet
1Mb / 20P
Compact Synchronous Buck Regulator
ISL8026 RENESAS-ISL8026 Datasheet
1Mb / 23P
Compact Synchronous Buck Regulators
ISL78233 RENESAS-ISL78233 Datasheet
1Mb / 21P
3A and 4A Compact Synchronous Buck Regulators
ISL8025 RENESAS-ISL8025 Datasheet
1Mb / 23P
Compact Synchronous Buck Regulators
Jun 24, 2022
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com