Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX1612SB Datasheet (PDF) - Kyocera Kinseki Corpotation

CX1612SB Datasheet PDF - Kyocera Kinseki Corpotation
Part # CX1612SB
Download  CX1612SB Download
File Size   583.93 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description 1.6횞1.2mm for Consumer Products

CX1612SB Datasheet (PDF)

Go To PDF Page Download Datasheet
CX1612SB Datasheet PDF - Kyocera Kinseki Corpotation

Part # CX1612SB
Download  CX1612SB Click to download

File Size   583.93 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description 1.6횞1.2mm for Consumer Products

CX1612SB Datasheet (HTML) - Kyocera Kinseki Corpotation


CX1612SB Product details

Features
• Crystal unit for Consumer Products
• Ultra-miniature and low profile (1.6×1.2×0.3mm)
• Ceramic package
• Reflow compatible

Applications
• Digital Electronics
• Consumer Products
• 1seg. tuner




Similar Part No. - CX1612SB

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX1612DB KSS-CX1612DB Datasheet
66Kb / 1P
Crystal units surface mount type
CX1612DB36000B0GEJ KSS-CX1612DB36000B0GEJ Datasheet
66Kb / 1P
Crystal units surface mount type
CX1612DB36000D0GEJ KSS-CX1612DB36000D0GEJ Datasheet
66Kb / 1P
Crystal units surface mount type
More results


Similar Description - CX1612SB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
IMX28CEC FREESCALE-IMX28CEC Datasheet
665Kb / 70P
Processors Data Sheet for Consumer Products
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
Applications Processors for Consumer Products
MCIMX50 FREESCALE-MCIMX50 Datasheet
2Mb / 134P
i.MX50 Applications Processors for Consumer Products
logo
Kyocera Kinseki Corpota...
CX2016DB KSS-CX2016DB Datasheet
125Kb / 1P
2.0횞1.6mm for Consumer Products
CX2520DB KSS-CX2520DB Datasheet
125Kb / 1P
2.5횞2.0mm for Consumer Products
CX3225GB KSS-CX3225GB Datasheet
67Kb / 1P
3.2횞2.5mm for Consumer Products
logo
Freescale Semiconductor...
PCIMX515DJM8C FREESCALE-PCIMX515DJM8C Datasheet
4Mb / 202P
Processors for Consumer and Industrial Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX50CEC NXP-IMX50CEC Datasheet
2Mb / 136P
i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
IMX28CEC NXP-IMX28CEC Datasheet
817Kb / 74P
i.MX28 Applications Processors for Consumer Products
Rev. 4, 10/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com