Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX3225CA Datasheet (PDF) - Kyocera Kinseki Corpotation

CX3225CA Datasheet PDF - Kyocera Kinseki Corpotation
Part # CX3225CA
Download  CX3225CA Download
File Size   98.17 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description 3.2횞2.5mm for Automotive

CX3225CA Datasheet (PDF)

Go To PDF Page Download Datasheet
CX3225CA Datasheet PDF - Kyocera Kinseki Corpotation

Part # CX3225CA
Download  CX3225CA Click to download

File Size   98.17 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description 3.2횞2.5mm for Automotive

CX3225CA Datasheet (HTML) - Kyocera Kinseki Corpotation




Similar Part No. - CX3225CA

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX3225CA09843D0HSSTT KSS-CX3225CA09843D0HSSTT Datasheet
134Kb / 2P
Crystal Units Surface Mount Type CX3225CA
CX3225CA09843D0HSSZ1 KSS-CX3225CA09843D0HSSZ1 Datasheet
134Kb / 2P
Crystal Units Surface Mount Type CX3225CA
CX3225CA10000D0HSSTT KSS-CX3225CA10000D0HSSTT Datasheet
134Kb / 2P
Crystal Units Surface Mount Type CX3225CA
CX3225CA10000D0HSSZ1 KSS-CX3225CA10000D0HSSZ1 Datasheet
134Kb / 2P
Crystal Units Surface Mount Type CX3225CA
CX3225CA12000D0HSSCC KSS-CX3225CA12000D0HSSCC Datasheet
134Kb / 2P
Crystal Units Surface Mount Type CX3225CA
More results


Similar Description - CX3225CA

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC3225A-C2 KSS-KC3225A-C2 Datasheet
110Kb / 1P
CMOS/ 2.5V/ 3.2횞2.5mm
CX3225GA KSS-CX3225GA Datasheet
153Kb / 1P
3.2횞2.5mm for Automotive
CX3225GB KSS-CX3225GB Datasheet
67Kb / 1P
3.2횞2.5mm for Consumer Products
CX3225SA KSS-CX3225SA Datasheet
119Kb / 1P
3.2횞2.5mm for Automotive
KC3225A-C3 KSS-KC3225A-C3 Datasheet
125Kb / 1P
CMOS/ 3.3V/ 3.2횞2.5mm
logo
NIHON DEMPA KOGYO
NX3225GA_16 NDK-NX3225GA_16_11 Datasheet
719Kb / 1P
For Automotive
NX2016SA NDK-NX2016SA_18 Datasheet
713Kb / 1P
For Automotive
NX1612SA NDK-NX1612SA_18 Datasheet
697Kb / 1P
For Automotive
NX8045GB NDK-NX8045GB_16 Datasheet
695Kb / 1P
For Automotive
WFC75C1472CE NDK-WFC75C1472CE Datasheet
843Kb / 1P
For Automotive
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com