Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7707EB Datasheet (PDF) - Analog Devices

EVAL-AD7707EB Datasheet PDF - Analog Devices
Part # EVAL-AD7707EB
Download  EVAL-AD7707EB Download
File Size   525.78 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluation Board for the AD7707 3V/5V, /-10V Input Range, 1mW, 3Channel, 16-Bit, Sigma Delta ADC

EVAL-AD7707EB Datasheet (PDF)

Go To PDF Page Download Datasheet
EVAL-AD7707EB Datasheet PDF - Analog Devices

Part # EVAL-AD7707EB
Download  EVAL-AD7707EB Click to download

File Size   525.78 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluation Board for the AD7707 3V/5V, /-10V Input Range, 1mW, 3Channel, 16-Bit, Sigma Delta ADC

EVAL-AD7707EB Datasheet (HTML) - Analog Devices


EVAL-AD7707EB Product details

GENERAL DESCRIPTION

The AD7707 is a complete analog front end for low frequency measurement applications. This three-channel device can accept either low level input signals directly from a transducer or high level (±10 V) signals and produce a serial digital output. It employs a sigma-delta conversion technique to realize up to

16 bits of no missing codes performance. The selected input signal is applied to a proprietary programmable gain front end based around an analog modulator. The modulator output is processed by an on-chip digital filter. The first notch of this digital filter can be programmed via an on-chip control register allowing adjustment of the filter cutoff and output update rate.



FEATURES

Charge Balancing ADC

  16 Bits No Missing Codes

  0.003% Nonlinearity

High Level (610 V) and Low Level (610 mV) Input Channels

True Bipolar 6100 mV Capability on Low Level Input  Channels Without Requiring Charge Pumps

Programmable Gain Front End Gains from 1 to 128

Three-Wire Serial Interface

  SPI™, QSPI™, MICROWIRE™ and DSP Compatible

  Schmitt Trigger Input on SCLK

Ability to Buffer the Analog Input

2.7 V to 3.3 V or 4.75 V to 5.25 V Operation

Power Dissipation 1 mW max @ 3␣ V

Standby Current 8 mA max

20-Lead SOIC and TSSOP Packages




Similar Part No. - EVAL-AD7707EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7707EB AD-EVAL-AD7707EB Datasheet
316Kb / 40P
3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
REV.A
More results


Similar Description - EVAL-AD7707EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7719-EB AD-EVAL-AD7719-EB Datasheet
1Mb / 21P
Evaluation Board for the AD7719, 16&24-Bit, Dual Sigma Delta ADC
REV. B
EVAL-AD7795 AD-EVAL-AD7795 Datasheet
1,007Kb / 16P
Evaluation Board for the AD7795 16-Bit, Low Power Sigma-Delta ADC (6 Channels)
REV. 0
AD7171 AD-AD7171 Datasheet
284Kb / 16P
16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
16-Bit, Low Power, Sigma-Delta ADC
23-Feb-2017
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
3-Channel 16-Bit, Sigma-Delta ADC
23-Feb-2017
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
16-Bit, Sigma-Delta ADC
23-Feb-2017
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
6/2019-Revision 0
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com