Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22981 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS22981 Datasheet PDF - Texas Instruments
Part # TPS22981
Download  TPS22981 Download
File Size   432.12 Kbytes
Page   19 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description 3.3V to 18V Thunderbolt Power Mux

TPS22981 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22981 Datasheet PDF - Texas Instruments

Part # TPS22981
Download  TPS22981 Click to download

File Size   432.12 Kbytes
Page   19 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description 3.3V to 18V Thunderbolt Power Mux

TPS22981 Datasheet (HTML) - Texas Instruments




Similar Part No. - TPS22981

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22981 TI1-TPS22981 Datasheet
1Mb / 27P
Thunderbolt Power Mux
TPS22981 TI2-TPS22981 Datasheet
1,012Kb / 25P
TPS22981 3.3-V to 18-V Thunderbolt™ Power Mux
REVISED NOVEMBER 2015
TPS22981 TI2-TPS22981 Datasheet
1Mb / 28P
TPS22981 3.3-V to 18-V Thunderbolt™ Power Mux
REVISED NOVEMBER 2015
TPS22981RGPR TI1-TPS22981RGPR Datasheet
1Mb / 27P
Thunderbolt Power Mux
TPS22981RGPR TI2-TPS22981RGPR Datasheet
1,012Kb / 25P
TPS22981 3.3-V to 18-V Thunderbolt™ Power Mux
REVISED NOVEMBER 2015
More results


Similar Description - TPS22981

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16224 PERICOM-PI3B16224 Datasheet
67Kb / 3P
3.3V, 12-Bit to 24-Bit DeMux/Mux NanoSwitch
logo
Micrel Semiconductor
SY87724L MICREL-SY87724L Datasheet
103Kb / 13P
3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724L MICREL-SY87724L_06 Datasheet
99Kb / 13P
3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724L MICREL-SY87724L_08 Datasheet
507Kb / 14P
3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724LE MICREL-SY87724LE Datasheet
577Kb / 14P
3.3V AnyRate짰 MUX/DEMUX Up to 2.7GHz
logo
Texas Instruments
TPS22980 TI1-TPS22980 Datasheet
739Kb / 18P
3.3V TO 18V MUX with Overcurrent Limit
logo
Pericom Semiconductor C...
PI3B16233AEX PERICOM-PI3B16233AEX Datasheet
345Kb / 5P
3.3V, 16-Bit to 32-Bit FET Mux/DeMux NanoSwitch?
logo
Texas Instruments
TPS22981 TI1-TPS22981 Datasheet
1Mb / 27P
Thunderbolt Power Mux
logo
Pericom Semiconductor C...
PI3B3251 PERICOM-PI3B3251_09 Datasheet
342Kb / 5P
3.3V, 8:1 Mux/DeMux NanoSwitch
logo
Exar Corporation
XR3070-78X EXAR-XR3070-78X Datasheet
547Kb / 24P
LOW POWER 18V TOLERANT RS-485/RS-422 3.3V TRANSCEIVERS
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com