Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADF4213EB2 Datasheet (PDF) - Analog Devices

EVAL-ADF4213EB2 Datasheet PDF - Analog Devices
Part # EVAL-ADF4213EB2
Download  EVAL-ADF4213EB2 Download
File Size   452.43 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.35GHz Dual Evaluation Board For PLL Frequency Synthesizer

EVAL-ADF4213EB2 Datasheet (PDF)

Go To PDF Page Download Datasheet
EVAL-ADF4213EB2 Datasheet PDF - Analog Devices

Part # EVAL-ADF4213EB2
Download  EVAL-ADF4213EB2 Click to download

File Size   452.43 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.35GHz Dual Evaluation Board For PLL Frequency Synthesizer

EVAL-ADF4213EB2 Datasheet (HTML) - Analog Devices


EVAL-ADF4213EB2 Product details

GENERAL DESCRIPTION
This board is designed to allow the user to evaluate the performance of the ADF4213 Dual Frequency Synthesizer for PLLs (Phase Locked Loops). The block diagram of the board is shown below. It contains the ADF4213 synthesizer, a pc connector, SMA connector for the reference input, power supplies and RF and IF output. There is also a loop filter for both sides (20kHz bandwidth) and an RF and IF VCO on board. A cable is included with the board to connect to a pc printer port.
The package also contains windows software to allow easy programming of the synthesizer.

FEATURES
   Self-Contained Board including Synthesizer, RF VCO and
      loop filter for generating frequencies of 2.3GHz to
      2.4GHz and IF VCO and loop filter for generating
      frequencies of 700MHz to 850MHz
   Designed for 20kHz Loop Bandwidth
   Accompanying Software allows complete control of synthesizer
      functions from PC using Windows 95/98/NT
   Battery Operated: Choice of 3V or 5V supplies
   On Board Monitoring of Current and Voltage.
   Typical Phase Noise Performance of -83.5dBc/Hz (RF side)
      @ 1kHz offset
   Typical Phase Noise Performance of -90dBc/Hz (IF side) @
      1kHz offset.




Similar Part No. - EVAL-ADF4213EB2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADF4213EB1 AD-EVAL-ADF4213EB1 Datasheet
277Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
More results


Similar Description - EVAL-ADF4213EB2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADF4112EB1 AD-EVAL-ADF4112EB1 Datasheet
176Kb / 6P
CDMA Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4113EB1 AD-EVAL-ADF4113EB1 Datasheet
177Kb / 6P
GSM900 Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4113EB2 AD-EVAL-ADF4113EB2 Datasheet
195Kb / 6P
1750MHz Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4118EB1 AD-EVAL-ADF4118EB1 Datasheet
168Kb / 6P
WCDMA Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF411XEB1 AD-EVAL-ADF411XEB1 Datasheet
175Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4208EB1 AD-EVAL-ADF4208EB1 Datasheet
410Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4212EB1 AD-EVAL-ADF4212EB1 Datasheet
387Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4213EB1 AD-EVAL-ADF4213EB1 Datasheet
277Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF421XEB1 AD-EVAL-ADF421XEB1 Datasheet
247Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4153EB1 AD-EVAL-ADF4153EB1 Datasheet
204Kb / 8P
Evaluation Board For Fractional-N PLL Frequency Synthesizer
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com