Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9830 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9830 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9830
Download  PE9830 Download
File Size   255.56 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description WR-137 to SMA Female Waveguide to Coax Adapter 5.85 GHz to 8.2 GHz

PE9830 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9830 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9830
Download  PE9830 Click to download

File Size   255.56 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description WR-137 to SMA Female Waveguide to Coax Adapter 5.85 GHz to 8.2 GHz

PE9830 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE9830

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9831 PASTERNACK-PE9831 Datasheet
118Kb / 1P
WAVEGUIDE TO SMA FEMALE FREQUENCY RANGE: 4,90~7,05 GHz
PE9832 PASTERNACK-PE9832 Datasheet
79Kb / 1P
waveguide to sma female frequency range: 3,95~5,85 GHz
PE9833 PASTERNACK-PE9833 Datasheet
79Kb / 1P
WAVEGUIDE TO SMA FEMALE FREQUENCY RANGE:3,30~4,90 GHz
PE9834 PASTERNACK-PE9834 Datasheet
80Kb / 1P
waveguide to sma female frequency range 2,60~3,95 GHz
PE9835 PASTERNACK-PE9835 Datasheet
77Kb / 1P
waveguide to sma female frquency range: 1,70~2,60 GHz
More results


Similar Description - PE9830

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9810 PASTERNACK-PE9810 Datasheet
272Kb / 2P
WR-90 to SMA Male Waveguide to Coax Adapter 8.2 GHz to 12.4 GHz
PE9822 PASTERNACK-PE9822 Datasheet
286Kb / 2P
WR-187 to N Female Waveguide to Coax Adapter 3.95 GHz to 5.85 GHz
PE9838 PASTERNACK-PE9838 Datasheet
291Kb / 2P
CPR-137G to N Female Waveguide to Coax Adapter 5.85 GHz to 8.2 GHz
PE9801 PASTERNACK-PE9801 Datasheet
260Kb / 2P
WR-90 to N Female Waveguide to Coax Adapter 8.2 GHz to 12.4 GHz
PE9876 PASTERNACK-PE9876 Datasheet
384Kb / 4P
WR-137 CMR-137 Flange to N Female Waveguide to Coax Adapter Operating From 5.85 GHz to 8.2 GHz, C Band
PEWCA1014 PASTERNACK-PEWCA1014 Datasheet
369Kb / 3P
WR-137 UG-344/U Round Cover Flange to SMA Female Waveguide to Coax Adapter Operating From 5.85 GHz to 8.2 GHz, C Band
PEWCA1015 PASTERNACK-PEWCA1015 Datasheet
397Kb / 3P
WR-137 CPR-137G Grooved Flange to SMA Female Waveguide to Coax Adapter Operating From 5.85 GHz to 8.2 GHz, C Band
PEWCA1016 PASTERNACK-PEWCA1016 Datasheet
368Kb / 3P
WR-137 UG-344/U Round Cover Flange to N Female Waveguide to Coax Adapter Operating From 5.85 GHz to 8.2 GHz, C Band
PEWCA1017 PASTERNACK-PEWCA1017 Datasheet
398Kb / 3P
WR-137 CPR-137G Grooved Flange to N Female Waveguide to Coax Adapter Operating From 5.85 GHz to 8.2 GHz, C Band
PEWAD5019 PASTERNACK-PEWAD5019 Datasheet
422Kb / 4P
WR-137 Waveguide Bulkhead Adapter CPR-137G Flange, 5.85 GHz to 8.2 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com