Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9842 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9842 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9842
Download  PE9842 Download
File Size   133.95 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description WAVEGUIDE TO FEMALE WITH O-RING GROOVE FREQUENCY RANGE: 2,60~3,95 GHz

PE9842 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9842 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9842
Download  PE9842 Click to download

File Size   133.95 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description WAVEGUIDE TO FEMALE WITH O-RING GROOVE FREQUENCY RANGE: 2,60~3,95 GHz

PE9842 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE9842

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9840 PASTERNACK-PE9840 Datasheet
79Kb / 1P
WAVEGUIDE TO N FEMALE WITH O-RING GROOVE FREQUENCY RANGE:3,95~5,85 GHz
PE9843 PASTERNACK-PE9843 Datasheet
80Kb / 1P
WAVEGUIDE TO N FEMALE WITH O-RING GROOVE FREQUENCY RANGE :1,70~2,60 GHz
PE9844 PASTERNACK-PE9844 Datasheet
279Kb / 2P
WR-42 to SMA Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
logo
Pletronics, Inc.
PE9844DEV PLETRONICS-PE9844DEV Datasheet
138Kb / 8P
PE96/PE98 Series 3.3 V PECL Clock Oscillators
PE9844DV PLETRONICS-PE9844DV Datasheet
138Kb / 8P
PE96/PE98 Series 3.3 V PECL Clock Oscillators
More results


Similar Description - PE9842

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9824 PASTERNACK-PE9824 Datasheet
77Kb / 1P
WAVEGUIDE TO N FEMALE FREQUENCY RANGE: 2,60~3,95 GHz
PE9825 PASTERNACK-PE9825 Datasheet
77Kb / 1P
WAVEGUIDE TO N FEMALE FREQUENCY RANGE:1,70~2,60 GHz
PE9832 PASTERNACK-PE9832 Datasheet
79Kb / 1P
waveguide to sma female frequency range: 3,95~5,85 GHz
PE9834 PASTERNACK-PE9834 Datasheet
80Kb / 1P
waveguide to sma female frequency range 2,60~3,95 GHz
PE9835 PASTERNACK-PE9835 Datasheet
77Kb / 1P
waveguide to sma female frquency range: 1,70~2,60 GHz
PE9836 PASTERNACK-PE9836 Datasheet
81Kb / 1P
waveguide to n female with 0-ring groove frequency range:8,20~12,40 GHz
PE9837 PASTERNACK-PE9837 Datasheet
129Kb / 1P
WAVEGUIDE TO N FEMALE WITH O-RING GROOVE FREQUENCY RANGE: 7,05~10,00 GHz
PE9839 PASTERNACK-PE9839 Datasheet
127Kb / 1P
WAVEGUIDE TO N FEMALE WITH O-RING GROOVE FREQUENCY RANGE: 4,90~7,05 GHz
PE9840 PASTERNACK-PE9840 Datasheet
79Kb / 1P
WAVEGUIDE TO N FEMALE WITH O-RING GROOVE FREQUENCY RANGE:3,95~5,85 GHz
PE9843 PASTERNACK-PE9843 Datasheet
80Kb / 1P
WAVEGUIDE TO N FEMALE WITH O-RING GROOVE FREQUENCY RANGE :1,70~2,60 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com