Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9870 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9870 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9870
Download  PE9870 Download
File Size   76.04 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description WAVEGUIDE TO N FEMALE FREQUENCY RANGE: 7,05~10,0 GH

PE9870 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9870 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9870
Download  PE9870 Click to download

File Size   76.04 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description WAVEGUIDE TO N FEMALE FREQUENCY RANGE: 7,05~10,0 GH

PE9870 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE9870

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9871 PASTERNACK-PE9871 Datasheet
345Kb / 3P
WR-102 Square Type Flange to End Launch SMA Female Waveguide to Coax Adapter Operating From 7 GHz to 11 GHz
PE9872 PASTERNACK-PE9872 Datasheet
246Kb / 2P
WR-430 to N Female Waveguide to Coax Adapter 1.7 GHz to 2.6 GHz
PE9873 PASTERNACK-PE9873 Datasheet
443Kb / 4P
WR-90 CPR-90G Grooved Flange to N Female Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
PE9874 PASTERNACK-PE9874 Datasheet
387Kb / 4P
WR-75 Square Type Flange to N Female Waveguide to Coax Adapter Operating From 10 GHz to 15 GHz, X-Ku Band
PE9875 PASTERNACK-PE9875 Datasheet
372Kb / 4P
WR-62 Square Type Flange to N Female Waveguide to Coax Adapter Operating From 12.4 GHz to 18 GHz, Ku Band
More results


Similar Description - PE9870

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9818 PASTERNACK-PE9818 Datasheet
102Kb / 1P
WAVEGUIDE TO N FEMALE FREQUENCY RANGE: 5.85~8.20 GHz
PE9820 PASTERNACK-PE9820 Datasheet
76Kb / 1P
WAVEGUIDE TO N FEMALE FREQUENCY RANGE:7,05~10,0 GHz
PE9823 PASTERNACK-PE9823 Datasheet
78Kb / 1P
WAVEGUIDE TO N FEMALE FREQUENCY RANGE: 3,30~4,90 GHz
PE9824 PASTERNACK-PE9824 Datasheet
77Kb / 1P
WAVEGUIDE TO N FEMALE FREQUENCY RANGE: 2,60~3,95 GHz
PE9829 PASTERNACK-PE9829 Datasheet
75Kb / 1P
WAVEGUIDE TO SMA FEMALE FREQUENCY RANGE: 7,05~10,00 GHz
PE9831 PASTERNACK-PE9831 Datasheet
118Kb / 1P
WAVEGUIDE TO SMA FEMALE FREQUENCY RANGE: 4,90~7,05 GHz
PE9837 PASTERNACK-PE9837 Datasheet
129Kb / 1P
WAVEGUIDE TO N FEMALE WITH O-RING GROOVE FREQUENCY RANGE: 7,05~10,00 GHz
PE9839 PASTERNACK-PE9839 Datasheet
127Kb / 1P
WAVEGUIDE TO N FEMALE WITH O-RING GROOVE FREQUENCY RANGE: 4,90~7,05 GHz
PE9847 PASTERNACK-PE9847 Datasheet
74Kb / 1P
WAVEGUIDE END LAUNCH TO SMA FEMALE FREQUENCY RANGE:10,0~15,0 GHz
PE9868 PASTERNACK-PE9868 Datasheet
74Kb / 1P
WAVEGUIDE TO N FEMALE FREQUENCY RANGE:8,20 TO 12,40 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com