Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLT04 Datasheet (PDF) - Analog Devices

MLT04 Datasheet PDF - Analog Devices
Part # MLT04
Download  MLT04 Download
File Size   428.61 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Four-Channel, Four-Quadrant Analog Multiplier

MLT04 Datasheet (PDF)

Go To PDF Page Download Datasheet
MLT04 Datasheet PDF - Analog Devices

Part # MLT04
Download  MLT04 Click to download

File Size   428.61 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Four-Channel, Four-Quadrant Analog Multiplier

MLT04 Datasheet (HTML) - Analog Devices


MLT04 Product details

GENERAL DESCRIPTION
The MLT04 is a complete, four-channel, voltage output analog multiplier packaged in an 18-pin DIP or SOIC-18. These complete multipliers are ideal for general purpose applications such as voltage controlled amplifiers, variable active filters, “zipper” noise free audio level adjustment, and automatic gain control. Other applications include cost-effective multiple-channel power calculations (I × V), polynomial correction generation, and low frequency modulation. The MLT04 multiplier is ideally suited for generating complex, high-order waveforms especially suitable for geometry correction in high-resolution CRT display systems.
   
FEATURES
    Four Independent Channels
    Voltage IN, Voltage OUT
    No External Parts Required
    8 MHz Bandwidth
    Four-Quadrant Multiplication
    Voltage Output; W = (X × Y)/2.5 V
        0.2% Typical Linearity Error on X or Y Inputs
    Excellent Temperature Stability: 0.005%
    ±2.5 V Analog Input Range
    Operates from ±5 V Supplies
    Low Power Dissipation: 150 mW typ
    Spice Model Available
   
APPLICATIONS
    Geometry Correction in High-Resolution CRT Displays
    Waveform Modulation & Generation
    Voltage Controlled Amplifiers
    Automatic Gain Control
    Modulation and Demodulation
   




Similar Part No. - MLT04

ManufacturerPart #DatasheetDescription
logo
MultiDimension Technolo...
MLT1080-005010 MULTIDIMENSION-MLT1080-005010 Datasheet
892Kb / 10P
High Precision Analog Magnetic Scale Sensor
MLT1080-010010 MULTIDIMENSION-MLT1080-010010 Datasheet
892Kb / 10P
High Precision Analog Magnetic Scale Sensor
logo
PANDUIT CORP.
MLT10EH-LP PANDUIT-MLT10EH-LP Datasheet
108Kb / 3P
System for Pan-Steel® Cable Ties
MLT10EH15-LP PANDUIT-MLT10EH15-LP Datasheet
108Kb / 3P
System for Pan-Steel® Cable Ties
MLT10H-LP PANDUIT-MLT10H-LP Datasheet
108Kb / 3P
System for Pan-Steel® Cable Ties
More results


Similar Description - MLT04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA2557 INTERSIL-HA2557 Datasheet
430Kb / 14P
Wideband Four Quadrant Analog Multiplier (Current Output)
July 1994
ICL8013 INTERSIL-ICL8013 Datasheet
132Kb / 8P
1MHz, Four Quadrant Analog Multiplier
April 1999
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
Wideband Four-Quadrant Multiplier
January 1996
HA-2557 INTERSIL-HA-2557 Datasheet
576Kb / 10P
130MHz, Four Quadrant, Current Output Analog Multiplier
September 1998
ICL8013 INTERSIL-ICL8013_00 Datasheet
726Kb / 8P
1MHz, Four Quadrant Analog Multiplier
November 2000
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
IC-BM ICHAUS-IC-BM_11 Datasheet
332Kb / 7P
FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com