Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0611017 Datasheet (PDF) - PHOENIX CONTACT

0611017 Datasheet PDF - PHOENIX CONTACT
Part # 0611017
Download  0611017 Download
File Size   63.66 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Connection honeycomb, Connection type: Screw mounting, Number of positions

0611017 Datasheet (PDF)

Go To PDF Page Download Datasheet
0611017 Datasheet PDF - PHOENIX CONTACT

Part # 0611017
Download  0611017 Click to download

File Size   63.66 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Connection honeycomb, Connection type: Screw mounting, Number of positions

0611017 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 0611017

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0611-0100-33 BEL-0611-0100-33 Datasheet
89Kb / 2P
Fast Blow Fuse Series
0611-0125-33 BEL-0611-0125-33 Datasheet
89Kb / 2P
Fast Blow Fuse Series
0611-0160-33 BEL-0611-0160-33 Datasheet
89Kb / 2P
Fast Blow Fuse Series
0611-0200-33 BEL-0611-0200-33 Datasheet
89Kb / 2P
Fast Blow Fuse Series
0611-0250-33 BEL-0611-0250-33 Datasheet
89Kb / 2P
Fast Blow Fuse Series
More results


Similar Description - 0611017

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1804917 ETC2-1804917 Datasheet
95Kb / 7P
Plug component, nominal current: 20 A, rated voltage: 400 V, pitch: 7.62 mm, no. of positions: 3, type of connection: Screw connection
logo
PHOENIX CONTACT
0614195 PHOENIX-0614195 Datasheet
47Kb / 2P
Holder, Connection type: DIN rail mounting
1728307 PHOENIX-1728307 Datasheet
139Kb / 5P
PC terminal block, Nominal current: 10 A, Nom. voltage: 160 V, Pitch: 3.81 mm, Number of positions: 4, Type of connection: Screw connection, Assembly: Soldering, Conductor/PCB connection
1893313 PHOENIX-1893313 Datasheet
74Kb / 6P
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 4, Pitch: 5mm, Connection method: Screw connection, Color: Black, Contact surface: Tin
3031322 PHOENIX-3031322 Datasheet
178Kb / 5P
Ground modular terminal block, Type of connection: Spring-cage connection, Spring-cage connection
3045855 PHOENIX-3045855 Datasheet
111Kb / 5P
Connectors, Type of connection: Screw connection
2700093 PHOENIX-2700093 Datasheet
59Kb / 4P
Connection element with screw connection terminal blocks for base mounting
logo
WECO ELECTRICAL CONNECT...
121-A-111 WECO-121-A-111 Datasheet
113Kb / 1P
Plug connector Screw connection
07.19
130-A WECO-130-A Datasheet
376Kb / 2P
Screw connection
04.15
950-FL-DS WECO-950-FL-DS Datasheet
170Kb / 1P
Screw connection
06.11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com