Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2808 Datasheet (PDF) - Emcore Corporation

2808 Datasheet PDF - Emcore Corporation
Part # 2808
Download  2808 Download
File Size   301.87 Kbytes
Page   2 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description 110 Channel CATV Optical Receiver

2808 Datasheet (PDF)

Go To PDF Page Download Datasheet
2808 Datasheet PDF - Emcore Corporation

Part # 2808
Download  2808 Click to download

File Size   301.87 Kbytes
Page   2 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description 110 Channel CATV Optical Receiver

2808 Datasheet (HTML) - Emcore Corporation




Similar Part No. - 2808

ManufacturerPart #DatasheetDescription
logo
Heyco.
2808 HEYCO-2808 Datasheet
102Kb / 1P
Shorty Bushings
logo
PHOENIX CONTACT
2808001 PHOENIX-2808001 Datasheet
282Kb / 8P
Type 2 surge arrester - VAL-CP-RCD-3S/40/0.3/SEL
10/17/2014
logo
Lapp.
280804CY LAPP-280804CY Datasheet
215Kb / 4P
ÖLFLEX® CONTROL TM CY
15.10.2017
logo
PHOENIX CONTACT
2808190 PHOENIX-2808190 Datasheet
132Kb / 4P
MCR 8-bit digital/analog converters, with flat-ribbon cable connection and COMBICON plug connector, pitch 5.08 mm, output signal 0..10 V
logo
Belden Inc.
28081A BELDEN-28081A Datasheet
187Kb / 2P
TC VN/PVC, 3 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-28-2023
More results


Similar Description - 2808

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2807 EMCORE-2807 Datasheet
378Kb / 2P
Mini-Node CATV Optical Receiver
2809 EMCORE-2809 Datasheet
321Kb / 2P
77 Channel LDS CATV Optical Receiver
7820C EMCORE-7820C Datasheet
567Kb / 6P
CATV Optical Receiver
7830W EMCORE-7830W Datasheet
504Kb / 4P
CATV Optical Receiver
2808R-SFSP EMCORE-2808R-SFSP_13 Datasheet
184Kb / 2P
2808 110 Channel CATV Optical Receiver
2809R-SFSP EMCORE-2809R-SFSP_13 Datasheet
221Kb / 2P
2809 77 Channel LDS CATV Optical Receiver
7820A EMCORE-7820A Datasheet
579Kb / 6P
7820A CATV Optical Receiver
7830W-FA-115 EMCORE-7830W-FA-115 Datasheet
504Kb / 4P
3 GHz CATV Optical Receiver
2809 EMCORE-2809_16 Datasheet
494Kb / 2P
Channel LDS CATV Optical Receiver
2808 EMCORE-2808_16 Datasheet
574Kb / 2P
Channel CATV Optical Receiver
More results




About Emcore Corporation


EMCORE Corporation is a global technology company that specializes in the design and manufacture of advanced semiconductor-based products for the broadband and fiber optic markets. The company was founded in 1984 and is based in Alhambra, California, USA.

EMCORE's products are used in a wide range of applications, including telecommunications, data centers, cable television networks, and defense and aerospace systems. The company's product portfolio includes optical components, optical subsystems, and photovoltaic products.

EMCORE's optical components include lasers, receivers, transmitters, and modulators, which are used in optical communications systems to convert electrical signals into optical signals and vice versa. The company's optical subsystems are designed to provide complete optical networking solutions, including transmission systems, optical amplifiers, and multiplexers.

In addition to its fiber optic products, EMCORE also designs and manufactures photovoltaic products, including high-efficiency solar cells and concentrator photovoltaic (CPV) systems, which are used in terrestrial and space-based applications. EMCORE has a global presence and serves customers in North America, Europe, Asia, and other regions around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com