Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3540A Datasheet (PDF) - Emcore Corporation

3540A Datasheet PDF - Emcore Corporation
Part # 3540A
Download  3540A Download
File Size   97.12 Kbytes
Page   4 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description Microwave DFB Laser Transmitters

3540A Datasheet (PDF)

Go To PDF Page Download Datasheet
3540A Datasheet PDF - Emcore Corporation

Part # 3540A
Download  3540A Click to download

File Size   97.12 Kbytes
Page   4 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description Microwave DFB Laser Transmitters

3540A Datasheet (HTML) - Emcore Corporation


3540A Product details

Microwave DFB Laser Transmitters

The distributed feedback (DFB) laser transmitters provide exceptional performance for linear fiber-optics communications in very wide bandwidth applications. Emcore’s linear fiberoptics are an excellent alternative to using coaxial cable systems to transmit 10 MHz to 5 GHz signals. They offer significant improvements in reliability in microwave communication networks by transmitting the RF signal in its original format. As a result of these properties, these microwave DFB laser transmitters provide significant improvements in signal quality for a wide variety of applications, including antenna remoting, timing and reference signal distribution, telemetry, measurement, and delay lines.

Features
■ High dynamic range
■ Long distance communications
■ 10 MHz to 5 GHz bandwidth
■ Built-in optical isolator, 1310 nm
■ CE certified

Applications
■ Antenna remoting
■ Cellular and PCS networks
■ Military triband communications
■ Tracking, telemetry, and control




Similar Part No. - 3540A

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
3540A EMCORE-3540A Datasheet
627Kb / 4P
3540A 5 GHz DFB Laser Transmitters
logo
Hirose Electric
3540A-16P HIROSE-3540A-16P Datasheet
272Kb / 6P
Long-Life I/O Connectors
3540A-16P-CV HIROSE-3540A-16P-CV Datasheet
380Kb / 6P
Long-Life I/O Connectors
3540A-16PR HIROSE-3540A-16PR Datasheet
272Kb / 6P
Long-Life I/O Connectors
3540A-16S HIROSE-3540A-16S Datasheet
272Kb / 6P
Long-Life I/O Connectors
More results


Similar Description - 3540A

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100 OPTOWAY-DL-5100 Datasheet
112Kb / 2P
1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1490 OPTOWAY-DL-5100-1490 Datasheet
103Kb / 2P
1490 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1625 OPTOWAY-DL-5100-1625 Datasheet
106Kb / 2P
1625 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1650 OPTOWAY-DL-5100-1650 Datasheet
106Kb / 2P
1650 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100 OPTOWAY-DL-5100_07 Datasheet
120Kb / 3P
1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1650 OPTOWAY-DL-5100-1650_07 Datasheet
113Kb / 3P
1650 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Emcore Corporation
1542 EMCORE-1542 Datasheet
787Kb / 4P
Microwave DFB Laser Microwave DFB Laser
1742 EMCORE-1742 Datasheet
719Kb / 4P
1742 18 GHz 1550 nm Microwave DFB Laser
3540A EMCORE-3540A_13 Datasheet
627Kb / 4P
3540A 5 GHz DFB Laser Transmitters
More results




About Emcore Corporation


EMCORE Corporation is a global technology company that specializes in the design and manufacture of advanced semiconductor-based products for the broadband and fiber optic markets. The company was founded in 1984 and is based in Alhambra, California, USA.

EMCORE's products are used in a wide range of applications, including telecommunications, data centers, cable television networks, and defense and aerospace systems. The company's product portfolio includes optical components, optical subsystems, and photovoltaic products.

EMCORE's optical components include lasers, receivers, transmitters, and modulators, which are used in optical communications systems to convert electrical signals into optical signals and vice versa. The company's optical subsystems are designed to provide complete optical networking solutions, including transmission systems, optical amplifiers, and multiplexers.

In addition to its fiber optic products, EMCORE also designs and manufactures photovoltaic products, including high-efficiency solar cells and concentrator photovoltaic (CPV) systems, which are used in terrestrial and space-based applications. EMCORE has a global presence and serves customers in North America, Europe, Asia, and other regions around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com