Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE36678-60 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE36678-60 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE36678-60
Download  PE36678-60 Download
File Size   320.35 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 65GHz FLEXIBLE CABLE ASSEMBLY, PE-LL095P 1.85mm MALE TO 1.85mm MALE

PE36678-60 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE36678-60 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE36678-60
Download  PE36678-60 Click to download

File Size   320.35 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 65GHz FLEXIBLE CABLE ASSEMBLY, PE-LL095P 1.85mm MALE TO 1.85mm MALE

PE36678-60 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE36678-60

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE36678-60 PASTERNACK-PE36678-60 Datasheet
320Kb / 1P
65GHz FLEXIBLE CABLE ASSEMBLY, PE-LL095P, 1.85mm MALE TO 1.85mm MALE
More results


Similar Description - PE36678-60

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE36674-6 PASTERNACK-PE36674-6 Datasheet
319Kb / 1P
40GHz FLEXIBLE CABLE ASSEMBLY, PE-LL095P, 1.85mm MALE TO 2.92mm MALE
PE36674-12 PASTERNACK-PE36674-12 Datasheet
319Kb / 1P
40 GHz FLEXIBLE CABLE ASSEMBLY PE-L095P, 1.85mm MALE TO 2,92mm MALE
PE36674-72 PASTERNACK-PE36674-72 Datasheet
319Kb / 1P
40GHz FLEXIBLE CABLE ASSEMBLY, PE-LL095P, 1.85mm MALE TO 2.92mm MALE
PE36678-36 PASTERNACK-PE36678-36 Datasheet
320Kb / 1P
65 GHz FLEXIBLE CABLE ASSEMBLY PE-LL095P, 1.85mm MALE
PE36678-48 PASTERNACK-PE36678-48 Datasheet
320Kb / 1P
65 GHz FLEXIBLE CABLE ASSEMBLY , PE-LL095P,1.85mm MALE TO 1,85mm MALE
PE36678-48 PASTERNACK-PE36678-48 Datasheet
320Kb / 1P
65GHz FLEXIBLE CABLE ASSEMBLY, PE-LL095P, 1.85mm MALE TO 1.85mm MALE
PE36678-72 PASTERNACK-PE36678-72 Datasheet
320Kb / 1P
65 GHz FLEXIBLE CABLE ASSSEMBLY PE-LL095P MALE TO 1.85mm MALE
PE36525 PASTERNACK-PE36525 Datasheet
272Kb / 1P
CABLE ASSEMBLY PE-SR405FL 1.85mm MALE TO 1.85mm MALE
PE36521LF PASTERNACK-PE36521LF Datasheet
282Kb / 1P
CABLE ASSEMBLY, PE-SR047FL, 1.85MM MALE TO 1.85MM MALE (LEAD FREE)
PE36521 PASTERNACK-PE36521 Datasheet
273Kb / 1P
CABLE ASSEMBLY, PE-SR047FL, 1.85MM MALE TO 1.85MM MALE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com