Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9122 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9122 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9122
Download  PE9122 Download
File Size   249.43 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMB Jack to SMB Jack Bulkhead Adapter

PE9122 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9122 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9122
Download  PE9122 Click to download

File Size   249.43 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMB Jack to SMB Jack Bulkhead Adapter

PE9122 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE9122

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91220 PASTERNACK-PE91220 Datasheet
337Kb / 3P
Bulkhead 4.1/9.5 Mini DIN Female to N Female Adapter IP67 Mated
PE91222 PASTERNACK-PE91222 Datasheet
342Kb / 3P
Precision SMA Male to SMA Female Swept Right Angle Adapter Functional Up to 26.5 GHz
PE91225 PASTERNACK-PE91225 Datasheet
617Kb / 3P
Precision SMA Male to SMA Female Swept Right Angle Adapter Functional Up to 18 GHz
PE91227 PASTERNACK-PE91227 Datasheet
373Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Male Adapter IP67 UnMated
PE91228 PASTERNACK-PE91228 Datasheet
377Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Female Adapter IP67 UnMated
More results


Similar Description - PE9122

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9116 PASTERNACK-PE9116 Datasheet
232Kb / 2P
SMB Jack to SMB Jack Adapter
PE9240 PASTERNACK-PE9240 Datasheet
254Kb / 3P
Bulkhead SMB Jack to BNC Female Adapter
PE9283 PASTERNACK-PE9283 Datasheet
239Kb / 2P
SMC Jack to SMB Jack Adapter
PE9302 PASTERNACK-PE9302 Datasheet
258Kb / 3P
SMB Tee Adapter Jack-Jack-Jack
PE9309 PASTERNACK-PE9309 Datasheet
243Kb / 2P
SMB Tee Adapter Plug-Jack-Jack
PE9608 PASTERNACK-PE9608 Datasheet
254Kb / 2P
75 Ohm Mini SMB Jack to Mini SMB Jack Adapter
PE9611 PASTERNACK-PE9611 Datasheet
260Kb / 3P
Bulkhead 75 Ohm Mini SMB Jack to Mini SMB Jack Adapter
logo
Winchester Electronics ...
1032A10505 WINCHESTER-1032A10505 Datasheet
57Kb / 1P
SMB BULKHEAD JACK TO JACK ADAPTER
logo
Pasternack Enterprises,...
PE9248 PASTERNACK-PE9248 Datasheet
341Kb / 3P
75 Ohm SMB Jack to SMB Jack Adapter
logo
Linx Technologies
ADP-SMAF-SMBF-G LINX-ADP-SMAF-SMBF-G Datasheet
896Kb / 4P
SMA Jack to SMB Jack Adapter
2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com