Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCX-350 Datasheet (PDF) - SL Power Electronics

DCX-350 Datasheet PDF - SL Power Electronics
Part # DCX-350
Download  DCX-350 Download
File Size   90.32 Kbytes
Page   2 Pages
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics
Description 250, 275, 350 WATTS MULTIPLE OUTPUT 24/28 AND 48 VDC INPUT

DCX-350 Datasheet (PDF)

Go To PDF Page Download Datasheet
DCX-350 Datasheet PDF - SL Power Electronics

Part # DCX-350
Download  DCX-350 Click to download

File Size   90.32 Kbytes
Page   2 Pages
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics
Description 250, 275, 350 WATTS MULTIPLE OUTPUT 24/28 AND 48 VDC INPUT

DCX-350 Datasheet (HTML) - SL Power Electronics




Similar Part No. - DCX-350

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCX100NS DIODES-DCX100NS Datasheet
1Mb / 7P
100mA DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
DS30761 Rev. 4 - 2
DCX100NS DIODES-DCX100NS Datasheet
330Kb / 7P
100mA DUAL PRE-BIASED TRANSISTORS
DS30761 Rev. 6 - 2
DCX100NS-7 DIODES-DCX100NS-7 Datasheet
1Mb / 7P
100mA DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
DS30761 Rev. 4 - 2
DCX100NS-7 DIODES-DCX100NS-7 Datasheet
330Kb / 7P
100mA DUAL PRE-BIASED TRANSISTORS
DS30761 Rev. 6 - 2
DCX100NS DIODES-DCX100NS_1 Datasheet
330Kb / 7P
100mA DUAL PRE-BIASED TRANSISTORS
DS30761 Rev. 6 - 2
More results


Similar Description - DCX-350

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FC250R MACOM-FC250R Datasheet
1Mb / 20P
Power Module:dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
logo
SL Power Electronics
DMX-500 SLPOWER-DMX-500 Datasheet
145Kb / 2P
500 WATTS MULTIPLE OUTPUT 48 VDC INPUT, FORCED CURRENT SHARING
MAX-250 SLPOWER-MAX-250 Datasheet
96Kb / 2P
250, 350 WATTS MULTIPLE OUTPUT
MPS-350 SLPOWER-MPS-350 Datasheet
80Kb / 2P
350 WATTS MULTIPLE OUTPUT, SLOPE PROGRAM CURRENT SHARING
MSC-350 SLPOWER-MSC-350 Datasheet
96Kb / 2P
250, 350 WATTS MULTIPLE OUTPUT
NMX-350 SLPOWER-NMX-350 Datasheet
104Kb / 2P
350 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
RMX-350 SLPOWER-RMX-350 Datasheet
201Kb / 2P
350 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, HOT SWAP
TMX-350 SLPOWER-TMX-350 Datasheet
91Kb / 2P
350 WATTS MULTIPLE OUTPUT 48 VDC INPUT, HOT SWAP
logo
XP Power Limited
EMH250PS12 XPPOWER-EMH250PS12 Datasheet
1Mb / 9P
250/350 Watts EMH Series
logo
Bel Fuse Inc.
MBC1200 BEL-MBC1200 Datasheet
1Mb / 14P
Single 24 VDC / 48 VDC output voltages available
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com