Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9159 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9159 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9159
Download  PE9159 Download
File Size   234.33 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 75 Ohm F Male to F Male Adapter

PE9159 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9159 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9159
Download  PE9159 Click to download

File Size   234.33 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 75 Ohm F Male to F Male Adapter

PE9159 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE9159

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9150 PASTERNACK-PE9150 Datasheet
247Kb / 3P
50 Ohm BNC Male to 75 Ohm F Female Adapter
PE9150 PASTERNACK-PE9150 Datasheet
247Kb / 3P
50 Ohm BNC Male to 75 Ohm F Female Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
50 Ohm BNC Female to 75 Ohm F Male Adapter
PE91512 PASTERNACK-PE91512 Datasheet
499Kb / 3P
1.85mm Female to 2.92mm Male Miter Right Angle Adapter
REV 1.0
More results


Similar Description - PE9159

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9152 PASTERNACK-PE9152 Datasheet
237Kb / 2P
50 Ohm BNC Male to 75 Ohm F Male Adapter
PE9160 PASTERNACK-PE9160 Datasheet
237Kb / 2P
Push-On 75 Ohm F Male to F Female Adapter
PE9166 PASTERNACK-PE9166 Datasheet
245Kb / 3P
75 Ohm F Male to F Female Right Angle Adapter
PE9738 PASTERNACK-PE9738 Datasheet
247Kb / 3P
Precision 75 Ohm N Male to F Male Adapter
PE9742 PASTERNACK-PE9742 Datasheet
241Kb / 2P
Precision 75 Ohm F Male to BNC Male Adapter
PE9759 PASTERNACK-PE9759 Datasheet
245Kb / 2P
Precision 75 Ohm F Male to F Female Adapter
PE9760 PASTERNACK-PE9760 Datasheet
243Kb / 2P
Precision 75 Ohm F Male to F Male Adapter
PE9152 PASTERNACK-PE9152 Datasheet
237Kb / 2P
50 Ohm BNC Male to 75 Ohm F Male Adapter
PE91081 PASTERNACK-PE91081 Datasheet
242Kb / 3P
75 Ohm TNC Male to F Male Adapter
PE91348 PASTERNACK-PE91348 Datasheet
338Kb / 3P
Precision 75 Ohm F Male to F Male Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com