Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6107 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE6107 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE6107
Download  PE6107 Download
File Size   88.28 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 7/16 MALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 7 GHz

PE6107 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE6107 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE6107
Download  PE6107 Click to download

File Size   88.28 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 7/16 MALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 7 GHz

PE6107 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE6107

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6107 PASTERNACK-PE6107 Datasheet
427Kb / 3P
25 Watt RF Load Up to 7 GHz With 7/16 DIN Male Input Square Body Black Anodized Aluminum Heatsink
PE6107 PASTERNACK-PE6107_16 Datasheet
427Kb / 3P
25 Watt RF Load Up to 7 GHz With 7/16 DIN Male Input Square Body Black Anodized Aluminum Heatsink
More results


Similar Description - PE6107

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6034 PASTERNACK-PE6034 Datasheet
206Kb / 1P
BNC MALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 4 GHz
PE6036 PASTERNACK-PE6036 Datasheet
140Kb / 1P
SMA MALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 18 GHz
PE6089 PASTERNACK-PE6089 Datasheet
84Kb / 1P
TNC MALE PRECISION TERMINATION FREQUENCY RANGE: DC TO 18 GHz
PE6095 PASTERNACK-PE6095 Datasheet
117Kb / 1P
SMA MALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 18 GHZ
PE6105 PASTERNACK-PE6105 Datasheet
84Kb / 1P
7/16 MALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 7 GHz
PE6112 PASTERNACK-PE6112 Datasheet
87Kb / 1P
7/16 FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 7GHz
PE6139 PASTERNACK-PE6139 Datasheet
82Kb / 1P
7/16 FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 7GHz
PE6141 PASTERNACK-PE6141 Datasheet
86Kb / 1P
7/16 FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 7 GHz
PE6146 PASTERNACK-PE6146 Datasheet
76Kb / 1P
7/16 MALE RESISTOR TERMINATION
PE6150 PASTERNACK-PE6150 Datasheet
111Kb / 1P
SMA MALE TERMINATION FREQUENCY RANGE :DC TO 4 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com