Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6167 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE6167 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE6167
Download  PE6167 Download
File Size   96.6 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description N MALE HIGH POWER TERMINATION 50 WATTS: DC-4 GHz

PE6167 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE6167 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE6167
Download  PE6167 Click to download

File Size   96.6 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description N MALE HIGH POWER TERMINATION 50 WATTS: DC-4 GHz

PE6167 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE6167

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6167 PASTERNACK-PE6167 Datasheet
206Kb / 3P
Medium Power 50 Watts RF Load Up To 4 GHz
PE6167 PASTERNACK-PE6167_14 Datasheet
206Kb / 3P
Medium Power 50 Watts RF Load Up To 4 GHz
More results


Similar Description - PE6167

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ANNE-50X MINI-ANNE-50X Datasheet
69Kb / 1P
Termination SMA 50??DC to 20 GHz
KARN-50 MINI-KARN-50 Datasheet
116Kb / 1P
Termination TYPE-N 50??DC to 8 GHz
KARN-50-18 MINI-KARN-50-18 Datasheet
114Kb / 1P
Termination N-Type 50??DC to 18 GHz
logo
Pasternack Enterprises,...
PE6034 PASTERNACK-PE6034 Datasheet
206Kb / 1P
BNC MALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 4 GHz
PE6036 PASTERNACK-PE6036 Datasheet
140Kb / 1P
SMA MALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 18 GHz
PE6095 PASTERNACK-PE6095 Datasheet
117Kb / 1P
SMA MALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 18 GHZ
PE6150 PASTERNACK-PE6150 Datasheet
111Kb / 1P
SMA MALE TERMINATION FREQUENCY RANGE :DC TO 4 GHz
PE6154 PASTERNACK-PE6154 Datasheet
234Kb / 1P
50 Ohm 2 Watts Brass N Male RF Load Up To 4 GHz
PE6166 PASTERNACK-PE6166 Datasheet
292Kb / 1P
SMA MALE HIGH POWER TERMINATION 50 WATTS: DC-4 GHz
PE6188 PASTERNACK-PE6188 Datasheet
203Kb / 3P
Medium Power 50 Watts RF Load Up To 4 GHz With N Male
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com