Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP297 Datasheet (PDF) - Analog Devices

OP297 Datasheet PDF - Analog Devices
Part # OP297
Download  OP297 Download
File Size   191.17 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Low Bias Current Precision Operational Amplifier

OP297 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP297 Datasheet PDF - Analog Devices

Part # OP297
Download  OP297 Click to download

File Size   191.17 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Low Bias Current Precision Operational Amplifier

OP297 Datasheet (HTML) - Analog Devices


OP297 Product details

GENERAL DESCRIPTION
The OP297 is the first dual op amp to pack precision performance into the space saving, industry-standard 8-lead SOIC package. The combination of precision with low power and extremely low input bias current makes the dual OP297 useful in a wide variety of applications.

FEATURES
    Low offset voltage: 50 μV maximum
    Low offset voltage drift: 0.6 μV/°C maximum
    Very low bias current: 100 pA maximum
    Very high open-loop gain: 2000 V/mV minimum
    Low supply current (per amplifier): 625 μA maximum
    Operates from ±2 V to ±20 V supplies
    High common-mode rejection: 120 dB minimum

APPLICATIONS
    Strain gage and bridge amplifiers
    High stability thermocouple amplifiers
    Instrumentation amplifiers
    Photocurrent monitors
    High gain linearity amplifiers
    Long-term integrators/filters
    Sample-and-hold amplifiers
    Peak detectors
    Logarithmic amplifiers
    Battery-powered systems




Similar Part No. - OP297

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP297 AD-OP297 Datasheet
266Kb / 12P
Dual Low Bias Current Precision Operational Amplifier
7/03-Data Sheet changed from REV. D to REV. E.
OP297 AD-OP297 Datasheet
323Kb / 16P
Dual Low Bias Current Precision Operational Amplifier
Rev. F
OP297 AD-OP297 Datasheet
596Kb / 20P
Low Power, Precision Rail-to-Rail Output Op Amp
Rev. D
OP297 AD-OP297 Datasheet
341Kb / 16P
Dual Low Bias Current Precision Operational Amplifier
Rev. G
logo
OPTEK Technologies
OP297A OPTEK-OP297A Datasheet
343Kb / 8P
Plastic Infrared Emitting Diode
More results


Similar Description - OP297

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-297 AD-OP-297 Datasheet
592Kb / 16P
DUAL LOW BIAS CURRENT PRECISION OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA129 BURR-BROWN-OPA129 Datasheet
640Kb / 7P
Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
OP297 AD-OP297_03 Datasheet
266Kb / 12P
Dual Low Bias Current Precision Operational Amplifier
7/03-Data Sheet changed from REV. D to REV. E.
OP1177 AD-OP1177_07 Datasheet
493Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. E
OP297 AD-OP297_06 Datasheet
323Kb / 16P
Dual Low Bias Current Precision Operational Amplifier
Rev. F
logo
Texas Instruments
OPA129UBE4 TI-OPA129UBE4 Datasheet
652Kb / 14P
Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
logo
Analog Devices
OP297S AD-OP297S Datasheet
342Kb / 16P
Dual Low Bias Current Precision Operational Amplifier
Rev. G
OP297 AD-OP297_15 Datasheet
342Kb / 16P
Dual Low Bias Current Precision Operational Amplifier
Rev. G
OP1177 AD-OP1177_15 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
OP2177 AD-OP2177_15 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com