Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIM400GDM33-F032 Datasheet (PDF) - Dynex Semiconductor

DIM400GDM33-F032 Datasheet PDF - Dynex Semiconductor
Part # DIM400GDM33-F032
Download  DIM400GDM33-F032 Download
File Size   366.72 Kbytes
Page   8 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Dual Switch IGBT Module

DIM400GDM33-F032 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIM400GDM33-F032 Datasheet PDF - Dynex Semiconductor

Part # DIM400GDM33-F032
Download  DIM400GDM33-F032 Click to download

File Size   366.72 Kbytes
Page   8 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Dual Switch IGBT Module

DIM400GDM33-F032 Datasheet (HTML) - Dynex Semiconductor


DIM400GDM33-F032 Product details

KEY PARAMETERS

VCES 3300V

VCE(sat) * (typ) 2.8V

IC (max) 400A

IC(PK) (max) 800A



The Powerline range of high power modules includes half bridge, chopper, dual, single and bi-directional switch configurations covering voltages from 1200V to 6500V and currents up to 2400A.



FEATURES

 10µs Short Circuit Withstand

 High Thermal Cycling Capability

 Soft Punch Through Silicon

 Isolated AlSiC Base with AlN Substrates

 9.5kV Internal Isolation

 Lead Free construction



APPLICATIONS

 High Reliability Inverters

 Motor Controllers

 Traction Drives

 Choppers




Similar Part No. - DIM400GDM33-F032

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM400GDM33-F000 DYNEX-DIM400GDM33-F000 Datasheet
471Kb / 8P
Dual Switch IGBT Module
DIM400GDM33-F000 DYNEX-DIM400GDM33-F000_15 Datasheet
471Kb / 8P
Dual Switch IGBT Module
More results


Similar Description - DIM400GDM33-F032

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM400DDM17-A000 DYNEX-DIM400DDM17-A000 Datasheet
144Kb / 10P
Dual Switch IGBT Module
GP800DDS18 DYNEX-GP800DDS18 Datasheet
135Kb / 10P
Dual Switch IGBT Module
DIM600DDM17-A000 DYNEX-DIM600DDM17-A000 Datasheet
171Kb / 10P
Dual Switch IGBT Module
DIM400DDM12-A000 DYNEX-DIM400DDM12-A000 Datasheet
617Kb / 8P
Dual Switch IGBT Module
DIM600DDM17-A000 DYNEX-DIM600DDM17-A000_10 Datasheet
317Kb / 8P
Dual Switch IGBT Module
DIM400DDM12-A000 DYNEX-DIM400DDM12-A000_15 Datasheet
391Kb / 8P
Dual Switch IGBT Module
DIM400DDS12-A000 DYNEX-DIM400DDS12-A000_15 Datasheet
390Kb / 8P
Dual Switch IGBT Module
DIM500GDM33-TS000 DYNEX-DIM500GDM33-TS000_15 Datasheet
414Kb / 8P
Dual Switch IGBT Module
DIM600DDS12-A000 DYNEX-DIM600DDS12-A000_15 Datasheet
392Kb / 8P
Dual Switch IGBT Module
DIM800DDM17-A000 DYNEX-DIM800DDM17-A000_15 Datasheet
323Kb / 8P
Dual Switch IGBT Module
More results




About Dynex Semiconductor


Dynex Semiconductor was a British company that specialized in the design and manufacture of high-power semiconductors.
The company was founded in 1967 and was headquartered in Lincoln, England.
Dynex was known for its expertise in high-power semiconductor technology and its ability to deliver custom-designed power devices for various applications such as power conversion, motor control, and renewable energy systems.
In 2015, Dynex was acquired by Infineon Technologies, a leading provider of power and sensor systems.
The Dynex brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com