Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP470 Datasheet (PDF) - Analog Devices

OP470 Datasheet PDF - Analog Devices
Part # OP470
Download  OP470 Download
File Size   3188.42 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Very Low Noise Quad Operational Amplifier

OP470 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP470 Datasheet PDF - Analog Devices

Part # OP470
Download  OP470 Click to download

File Size   3188.42 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Very Low Noise Quad Operational Amplifier

OP470 Datasheet (HTML) - Analog Devices


OP470 Product details

GENERAL DESCRIPTION
The OP470 is a high-performance monolithic quad operational amplifier with exceptionally low voltage noise, 5 nV/√Hz at 1 kHz max, offering comparable performance to ADI’s industry standard OP27.
The OP470 features an input offset voltage below 0.4 mV, excellent for a quad op amp, and an offset drift under 2 μV/°C, guaranteed over the full military temperature range. Open loop gain of the OP470 is over 1,000,000 into a 10 kΩ load ensuring excellent gain accuracy and linearity, even in high gain applications. Input bias current is under 25 nA, which reduces errors due to signal source resistance. The OP470’s CMR of over 110 dB and PSRR of less than 1.8 μV/V significantly reduce errors due to ground noise and power supply fluctuations. Power consumption of the quad OP470 is half that of four OP27s, a significant advantage for power conscious applications. The OP470 is unity-gain stable with a gain bandwidth product of 6 MHz and a slew rate of 2 V/μs.

FEATURES
   Very Low-Noise, 5 nV/√Hz @ 1 kHz Max
   Excellent Input Offset Voltage, 0.4 mV Max
   Low Offset Voltage Drift, 2 μV/°C Max
   Very High Gain, 1000 V/mV Min
   Outstanding CMR, 110 dB Min
   Slew Rate, 2 V/μs Typ
   Gain-Bandwidth Product, 6 MHz Typ
   Industry Standard Quad Pinouts
   Available in Die Form




Similar Part No. - OP470

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP470 AD-OP470 Datasheet
3Mb / 16P
Very Low Noise Quad Operational Amplifier
REV. B
OP470 AD-OP470 Datasheet
248Kb / 5P
Very low noise, quad, operational amplifier
REV. B
OP470 AD-OP470 Datasheet
771Kb / 16P
Very Low Noise Quad Operational Amplifier
REV. B
OP470 AD-OP470 Datasheet
343Kb / 19P
Ultralow Distortion, Ultralow Noise Op Amp
OP470 AD-OP470 Datasheet
675Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
More results


Similar Description - OP470

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM837 NSC-LM837 Datasheet
414Kb / 8P
Low Noise Quad Operational Amplifier
logo
Analog Devices
OP-470 AD-OP-470 Datasheet
587Kb / 15P
VERY LOW NOISE QUAD OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HS-OP470ARH INTERSIL-HS-OP470ARH Datasheet
27Kb / 2P
Radiation Hardened, Very Low Noise Quad Operational Amplifier
February 1998
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_08 Datasheet
142Kb / 12P
Low noise quad operational amplifier
13-Mar-2008
logo
Analog Devices
OP470GPZ AD-OP470GPZ Datasheet
3Mb / 16P
Very Low Noise Quad Operational Amplifier
REV. B
5962-88565012A AD-5962-88565012A Datasheet
3Mb / 16P
Very Low Noise Quad Operational Amplifier
REV. B
5962R8856501VCA AD-5962R8856501VCA Datasheet
248Kb / 5P
Very low noise, quad, operational amplifier
REV. B
OP470AY AD-OP470AY Datasheet
771Kb / 16P
Very Low Noise Quad Operational Amplifier
REV. B
OP470 AD-OP470_15 Datasheet
3Mb / 16P
Very Low Noise Quad Operational Amplifier
REV. B
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074_V01 Datasheet
1Mb / 18P
Low-noise JFET quad operational amplifier
22-Nov-2013
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com