Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP471 Datasheet (PDF) - Analog Devices

OP471 Datasheet PDF - Analog Devices
Part # OP471
Download  OP471 Download
File Size   314.26 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, Low Noise Quad Operational Amplifier

OP471 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP471 Datasheet PDF - Analog Devices

Part # OP471
Download  OP471 Click to download

File Size   314.26 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, Low Noise Quad Operational Amplifier

OP471 Datasheet (HTML) - Analog Devices


OP471 Product details

GENERAL DESCRIPTION
The OP471 is a monolithic quad op amp featuring low noise, 11 nV/√Hz Max @ 1 kHz, excellent speed, 8 V/μs typical, a gain bandwidth of 6.5 MHz, and unity-gain stability.
   
FEATURES
    Excellent Speed: 8 V/μs Typ
    Low Noise: 11 nV/√Hz @ 1 kHz Max
    Unity-Gain Stable
    High Gain Bandwidth: 6.5 MHz Typ
    Low Input Offset Voltage: 0.8 mV Max
    Low Offset Voltage Drift: 4 μV/°C Max
    High Gain: 500 V/mV Min
    Outstanding CMR: 105 dB Min
    Industry Standard Quad Pinouts
   




Similar Part No. - OP471

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP471 AD-OP471 Datasheet
334Kb / 17P
High Speed, Low Noise Quad Operational Amplifier
23-Feb-2017
OP471 AD-OP471_15 Datasheet
309Kb / 16P
High Speed, Low Noise Quad Operational Amplifier
REV. A
OP471 AD-OP471_17 Datasheet
334Kb / 17P
High Speed, Low Noise Quad Operational Amplifier
23-Feb-2017
More results


Similar Description - OP471

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM837 NSC-LM837 Datasheet
414Kb / 8P
Low Noise Quad Operational Amplifier
logo
Analog Devices
OP-471 AD-OP-471 Datasheet
687Kb / 16P
HIGH SPEED, LOW NOISE QUAD OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5104 INTERSIL-HA-5104 Datasheet
34Kb / 5P
Low Noise, High Performance, Quad Operational Amplifier
July 1994
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
Ultra Low-Noise High-Speed Operational Amplifier
Rev. 2
logo
Intersil Corporation
HA-5104883 INTERSIL-HA-5104883 Datasheet
98Kb / 5P
Low Noise, High Performance, Quad Operational Amplifier
April 2002
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_08 Datasheet
142Kb / 12P
Low noise quad operational amplifier
13-Mar-2008
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
Ultra-Low Noise, High Speed Operational Amplifier
logo
Analog Devices
OP471 AD-OP471_15 Datasheet
309Kb / 16P
High Speed, Low Noise Quad Operational Amplifier
REV. A
logo
Linear Technology
LT1226 LINER-LT1226_15 Datasheet
220Kb / 8P
Low Noise Very High Speed Operational Amplifier
logo
Analog Devices
OP471 AD-OP471_17 Datasheet
334Kb / 17P
High Speed, Low Noise Quad Operational Amplifier
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com