Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP497 Datasheet (PDF) - Analog Devices

OP497 Datasheet PDF - Analog Devices
Part # OP497
Download  OP497 Download
File Size   302.3 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Picoampere Input Current Quad Operational Amplifier

OP497 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP497 Datasheet PDF - Analog Devices

Part # OP497
Download  OP497 Click to download

File Size   302.3 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Picoampere Input Current Quad Operational Amplifier

OP497 Datasheet (HTML) - Analog Devices


OP497 Product details

GENERAL DESCRIPTION
The OP497 is a quad op amp with precision performance in the space-saving, industry standard 16-lead SOlC package. Its combination of exceptional precision with low power and extremely low input bias current makes the quad OP497 useful in a wide variety of applications.

FEATURES
    Low offset voltage: 75 μV maximum
    Low offset voltage drift: 1.0 μV/°C maximum
    Very low bias current
    25°C: 150 pA maximum
    −40°C to +85°C: 300 pA maximum
    Very high open-loop gain: 2000 V/mV minimum
    Low supply current (per amplifier): 625 μA maximum
    Operates from ±2 V to ±20 V supplies
    High common-mode rejection: 114 dB minimum

APPLICATIONS
    Strain gage and bridge amplifiers
    High stability thermocouple amplifiers
    Instrumentation amplifiers
    Photocurrent monitors
    High gain linearity amplifiers
    Long-term integrators/filters
    Sample-and-hold amplifiers
    Peak detectors
    Logarithmic amplifiers
    Battery-powered systems




Similar Part No. - OP497

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP497 AD-OP497 Datasheet
322Kb / 16P
Precision Picoampere Input Current Quad Operational Amplifier
Rev. E
OP497 AD-OP497 Datasheet
283Kb / 17P
Precision Picoampere Input Current Quad Operational Amplifier
2/09-Rev. D to Rev. E
OP497 AD-OP497 Datasheet
596Kb / 20P
Low Power, Precision Rail-to-Rail Output Op Amp
Rev. D
OP497FP AD-OP497FP Datasheet
322Kb / 16P
Precision Picoampere Input Current Quad Operational Amplifier
Rev. E
OP497FP AD-OP497FP Datasheet
322Kb / 16P
Precision Picoampere Input Current Quad Operational Amplifier
Rev. E
More results


Similar Description - OP497

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD704 AD-AD704 Datasheet
397Kb / 8P
Quad Picoampere Input Current Bipolar Op Amp
REV.A
OP-497 AD-OP-497 Datasheet
524Kb / 12P
PRECISION PICOAMPERE INPUT CURRENT QUAD OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
OP-08 ETC1-OP-08 Datasheet
351Kb / 7P
PRECISION LOW-INPUT-CURRENT OPERATIONAL AMPLIFIER
logo
Analog Devices
OP497GSZ AD-OP497GSZ Datasheet
322Kb / 16P
Precision Picoampere Input Current Quad Operational Amplifier
Rev. E
AD704AR-16 AD-AD704AR-16 Datasheet
267Kb / 16P
Picoampere Input Current Quad Bipolar Op Amp
Rev. E
5962-9452101M2A AD-5962-9452101M2A Datasheet
322Kb / 16P
Precision Picoampere Input Current Quad Operational Amplifier
Rev. E
AD704 AD-AD704_15 Datasheet
267Kb / 16P
Picoampere Input Current Quad Bipolar Op Amp
Rev. E
OP497 AD-OP497_15 Datasheet
322Kb / 16P
Precision Picoampere Input Current Quad Operational Amplifier
Rev. E
OP12 AD-OP12 Datasheet
147Kb / 4P
Precision Low-Input Current Operational Amplifier
OP497 AD-OP497_17 Datasheet
283Kb / 17P
Precision Picoampere Input Current Quad Operational Amplifier
2/09-Rev. D to Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com